Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGD-30 Datasheet(PDF) 3 Page - CUI INC

Part # VGD-30
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-30 Datasheet(HTML) 3 Page - CUI INC

  VGD-30 Datasheet HTML 1Page - CUI INC VGD-30 Datasheet HTML 2Page - CUI INC VGD-30 Datasheet HTML 3Page - CUI INC VGD-30 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VGD-30 │ DESCRIPTION: AC-DC POWER SUPPLY
date
11/04/2013 │ page 3 of 4
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
3.9 x 3.8 x 1.4 (99 x 97 x 36 mm)
inch
cooling method
free air convection (see derating curve below)
weight
328
g
DERATING CURVES
9.50 0.374
(6 PLCS)
8.20 0.323
(7 PLCS)
51.50 2.028
55.00 2.165
99.00 3.898
20.50 0.807
97.00 3.819
36.50 1.437
55.50 2.185
3.50 0.138
4.50 0.177
89.00 3.504
5.00 0.197
M3 (2 PLCS)
M3 (2 PLCS)
18.00 0.709
74.00 2.913
28.00 1.102
36.00 1.417
3.50 0.138
3.50 0.138
7.00 0.276
6.50 0.256
87.00 3.425
17.50 0.689
MECHANICAL DRAWING
units mm[inches]
tolerance:
±0.3mm unless otherwise specified
PIN CONNECTIONS
Pin
Function
1
ac line
2
ac natural
3
FG
4
COM
5
+V2
6
COM
7
+V1
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com