Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGD-30 Datasheet(PDF) 1 Page - CUI INC

Part # VGD-30
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGD-30 Datasheet(HTML) 1 Page - CUI INC

  VGD-30 Datasheet HTML 1Page - CUI INC VGD-30 Datasheet HTML 2Page - CUI INC VGD-30 Datasheet HTML 3Page - CUI INC VGD-30 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date
11/04/2013
page
1 of 4
SERIES:
VGD-30 │ DESCRIPTION: AC-DC POWER SUPPLY
PART NUMBER KEY
VGD-30 - DXXX
Base Number
Output Voltage
FEATURES
• up to 30 W continuous power
• universal input (85~264 Vac / 120~370 Vdc)
• dual output
• overload, over voltage, and short circuit protections
• UL/cUL and Intertek EN 60950-1 safety approvals
• built-in EMI filter
• efficiency up to 80%
RoHS
MODEL
output
voltage
output
current
output
power1
ripple
and noise2
efficiency
(Vdc)
min
(A)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VGD-30-D512
5
12
0.3
0.3
4
2
30
80
120
79
VGD-30-D524
5
24
0.3
0.2
4
1
30
80
240
80
Note:
1. Maximum total combined power.
2. Ripple & noise are measured at 20 MHz BW with 22 μF aluminum electrolytic capacitor and 0.1 μF ceramic capacitor on the output.
For more information, please visit the product page.


Similar Part No. - VGD-30

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGD-30 CUI-VGD-30 Datasheet
476Kb / 4P
AC-DC POWER SUPPLY
07/10/2018
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
476Kb / 4P
AC-DC POWER SUPPLY
07/10/2018
VGD-30-D512 CUI-VGD-30-D512_13 Datasheet
339Kb / 4P
AC-DC POWER SUPPLY
VGD-30-D524 CUI-VGD-30-D524 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
More results

Similar Description - VGD-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com