Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-6B-S15 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-6B-S15
Description  short circuit, over voltage protection, over current protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-6B-S15 Datasheet(HTML) 2 Page - CUI INC

  VOF-6B-S15 Datasheet HTML 1Page - CUI INC VOF-6B-S15 Datasheet HTML 2Page - CUI INC VOF-6B-S15 Datasheet HTML 3Page - CUI INC VOF-6B-S15 Datasheet HTML 4Page - CUI INC VOF-6B-S15 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 02/23/2017
│ page 2 of 5
CUI Inc
│ SERIES: VOF-6B │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
120
264
370
Vac
Vdc
frequency
47
63
Hz
current
0.25
A
inrush current
at240Vac,25°C,coldstart
40
A
leakagecurrent
0.25
mA
no load power consumption
0.10
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitiveload
5 Vdc output model
9 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
1,200
670
500
400
200
μF
μF
μF
μF
μF
initialsetpointaccuracy
atfullload,25°C
5, 9 Vdc output models
12 Vdc output model
15, 24 Vdc output models
±5
±4
±3
%
%
%
lineregulation
highlinetolowlineatfullload
±1
%
loadregulation
10%~100%load
5, 9 Vdc output models
12 Vdc output model
15, 24 Vdc output models
±5
±4
±3
%
%
%
hold-up time
at 115 Vac
12
ms
switchingfrequency
30
70
kHz
temperaturecoefficient
±0.05
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
overcurrentprotection
110
%
short circuit protection
hiccup,autorecovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolationvoltage
input to output
4,000
Vac
safetyapprovals
IEC62368-1/60950-1,EN62368-1/60950-1,UL62368-1/60950-1
safetyclass
class II
EMI/EMC
EN55032ClassB,FCCPart15ClassB,EN61000-
6-3, EN 61000-3-2, EN 61000-3-3, EN 55024,
EN 61204-3, EN 61000-6-1
MTBF
asperMIL-HDBK-217F,at115Vac,25°C,GB
300,000
hours
life time
at40°C,75%load
3
years
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operatingtemperature
seederatingcurve
-25
70
°C
storagetemperature
-40
85
°C
operatinghumidity
non-condensing
93
%
operatingaltitude
3000
m
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com