Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-6B-S15 Datasheet(PDF) 4 Page - CUI INC

Part # VOF-6B-S15
Description  short circuit, over voltage protection, over current protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-6B-S15 Datasheet(HTML) 4 Page - CUI INC

  VOF-6B-S15 Datasheet HTML 1Page - CUI INC VOF-6B-S15 Datasheet HTML 2Page - CUI INC VOF-6B-S15 Datasheet HTML 3Page - CUI INC VOF-6B-S15 Datasheet HTML 4Page - CUI INC VOF-6B-S15 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date 02/23/2017
│ page 4 of 5
CUI Inc
│ SERIES: VOF-6B │ DESCRIPTION: AC-DC POWER SUPPLY
DERATING CURVE
OutputPowervs.AmbientTemperature
(NaturalConvention)
Ambient Temperature (°C)
-25
50
75
100
25
-15
15
45
65
-5
525355575
0
0
EFFICIENCY CURVES
5VdcOutputEfficiencyCurve
(at25°C)
55.0
60.0
65.0
70.0
75.0
80.0
85.0
10
Current Load (%)
85 Vac
115 Vac
230 Vac
264 Vac
20
30
40
50
60
70
80
90
100
9VdcOutputEfficiencyCurve
(at25°C)
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
85 Vac
115 Vac
230 Vac
264 Vac
10
Current Load (%)
20
30
40
50
60
70
80
90
100
12VdcOutputEfficiencyCurve
(at25°C)
55.0
60.0
65.0
70.0
75.0
80.0
85.0
85 Vac
115 Vac
230 Vac
264 Vac
10
Current Load (%)
20
30
40
50
60
70
80
90
100
15VdcOutputEfficiencyCurve
(at25°C)
55.0
60.0
65.0
70.0
75.0
80.0
85.0
85 Vac
115 Vac
230 Vac
264 Vac
10
Current Load (%)
20
30
40
50
60
70
80
90
100
24VdcOutputEfficiencyCurve
(at25°C)
55.0
60.0
65.0
70.0
75.0
80.0
85.0
85 Vac
115 Vac
230 Vac
264 Vac
10
Current Load (%)
20
30
40
50
60
70
80
90
100
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com