Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALCL6-4P6A Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALCL6-4P6A
Description  Multi-line low capacitance and low leakage current ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL6-4P6A Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALCL6-4P6A Datasheet HTML 1Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 2Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 3Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 4Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 5Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 6Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
ESDALCL6-4P6A
2/7
Doc ID 023869 Rev 1
1
Characteristics
Figure 2.
Electrical characteristics (definitions)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
15
30
kV
PPP
(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Peak pulse power dissipation (8/20 µs)
I/O to GND
90
W
IPP
Peak pulse current (8/20 µs)
I/O to GND
5A
Tj
Maximum junction temperature range
-55 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2.
Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test condition
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
V
IRM
VRM = 3 V, I/O to GND
10
nA
VRM = 1 V, I/O to GND
1
Cline
F = 1 MHz, VR = 0 V
2.5
pF
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current at V
V
=
Stand-off voltage
I
=
Peak pulse current
I
=
Breakdown current
BR
RM
RM
RM
PP
R
V
=
Clamping voltage
I
=
Forward current
C
=
Input capacitance per line
CL
F
line
I
V
I
F
I
RM
I
PP
V
RM
V
F
V
BR
Slope = 1/Rd
V
CL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com