Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALCL6-4P6A Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALCL6-4P6A
Description  Multi-line low capacitance and low leakage current ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL6-4P6A Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALCL6-4P6A Datasheet HTML 1Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 2Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 3Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 4Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 5Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 6Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESDALCL6-4P6A
Characteristics
Doc ID 023869 Rev 1
3/7
Figure 7.
S21 attenuation measurement result
Figure 3.
Leakage current versus junction
temperature (typical values,
VR =1V)
Figure 4.
Leakage current versus reverse
applied voltage (typical values)
1
10
100
1000
10000
0
20
40
60
80
100
120
140
T (°C)
j
I (pA)
R
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
123
456
78
V (V)
R
IR(µA)
Figure 5.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 6.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
20 V/div
135 V
25 V
17 V
1
2
3
7V
4
V : ESD peak voltage
V :clamping voltage at 30 ns
V :clamping voltage at 60 ns
PP
CL
CL
V :clamping voltage at 100 ns
CL
1
2
3
4
20 ns/div
20 V/div
-5 V
-2 V 4
3
20 ns/div
V : ESD peak voltage
V :clamping voltage at 30 ns
V :clamping voltage at 60 ns
PP
CL
CL
V :clamping voltage at 100 ns
CL
1
2
3
4
-85 V
1
-4 V 2
-3dB
100.0k
1.0M
10.0M
100.0M
1.0G
-
20.00
-
15.00
-
10.00
-
5.00
0.00
F(Hz)
S21(dB)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com