Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETP01-2821 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ETP01-2821
Description  Differential and common mode protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETP01-2821 Datasheet(HTML) 1 Page - STMicroelectronics

  ETP01-2821 Datasheet HTML 1Page - STMicroelectronics ETP01-2821 Datasheet HTML 2Page - STMicroelectronics ETP01-2821 Datasheet HTML 3Page - STMicroelectronics ETP01-2821 Datasheet HTML 4Page - STMicroelectronics ETP01-2821 Datasheet HTML 5Page - STMicroelectronics ETP01-2821 Datasheet HTML 6Page - STMicroelectronics ETP01-2821 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2011
Doc ID 14515 Rev 4
1/7
7
ETP01-xx21
Protection for Ethernet lines
Features
■ Differential and common mode protection
■ Telcordia GR1089 Intrabuilding: 150 A, 2/10 µs
■ ITU-T K20/21: 40 A, 5/310 µs
■ Low capacitance: 13 pF max at 0 V
■ UL94 V0 approved resin
■ SO-8 package is JEDEC registered
Benefits
■ Trisil™ technology is not subject to ageing and
provides a fail safe mode in short circuit for a
better protection.
■ This series is used to help equipment to meet
main standards such as UL61950, IEC 950 /
CSA C22.2 and UL1459.
Complies with the following standards
■ IEC 61000-4-2: Level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883E-Method 3015-7: class3:
– 25 kV (Human body model)
■ Telcordia GR-1089 Core: 100 A, 2/10 µs
■ ITU-T K20/21: 37.5 A, 5/310 µs
■ IEC 61000-4-5: 4 kV, 42 Ω, 96 A, 8/20 µs
■ IEC 61000-4-4 EFT : 40A (5/50ns)
Applications
This series can meet subscriber and central office
requirements.
■ Protection against telecommunications surge
standards on:
– 10/100 Mbps Ethernet
– T1 / E1 line cards
Figure 1.
Schematic diagram (top view)
Description
The ETP01 series is a low capacitance transient
surge arrestor designed for protection of high
debit rate communication network. Planar
technology used combines a high surge capability
to comply with Telcordia GR1089 Intrabuilding
and ITU-T K20/21, and low capacitance to avoid
distortion of high speed signals such as Ethernet.
TM: Trisil is a trademark of STMicroelectronics
SO-8
T1
GND
GND
T2
T1
GND
GND
T2
T1
GND
GND
T2
T1
GND
GND
T2
T1
GND
GND
T2
T1
GND
GND
T2
www.st.com


Similar Part No. - ETP01-2821

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETP01-282RL STMICROELECTRONICS-ETP01-282RL Datasheet
108Kb / 7P
Protection for Ethernet lines
04-Mar-2008
More results

Similar Description - ETP01-2821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCMF1HDMI2SZ NXP-PCMF1HDMI2SZ Datasheet
1Mb / 20P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
PCMF2USB3SZ NXP-PCMF2USB3SZ Datasheet
1Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-7 March 2016
logo
Pulse A Technitrol Comp...
PA4040.001NL PULSE-PA4040.001NL Datasheet
536Kb / 2P
THT Integrated Common Mode and Differential Mode Choke
logo
Nexperia B.V. All right...
PCMFXUSB3S NEXPERIA-PCMFXUSB3S Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMFXUSB30 NEXPERIA-PCMFXUSB30 Datasheet
2Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
PCMF2DFN1 NEXPERIA-PCMF2DFN1 Datasheet
1Mb / 15P
Common-mode EMI filter for differential channels with integrated ESD protection
logo
Pulse A Technitrol Comp...
PA4040.XXXNL PULSE-PA4040.XXXNL Datasheet
536Kb / 2P
THT Integrated Common Mode and Differential Mode Choke
logo
Nexperia B.V. All right...
PCMFXHDMI14S_SER NEXPERIA-PCMFXHDMI14S_SER Datasheet
2Mb / 17P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 15 September 2016
PCMFXUSB30_SER NEXPERIA-PCMFXUSB30_SER Datasheet
2Mb / 23P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 01 April 2016
PCMFXUSB3S_SER NEXPERIA-PCMFXUSB3S_SER Datasheet
9Mb / 22P
Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 3 - 7 March 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com