Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETP01-2821 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ETP01-2821
Description  Differential and common mode protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETP01-2821 Datasheet(HTML) 3 Page - STMicroelectronics

  ETP01-2821 Datasheet HTML 1Page - STMicroelectronics ETP01-2821 Datasheet HTML 2Page - STMicroelectronics ETP01-2821 Datasheet HTML 3Page - STMicroelectronics ETP01-2821 Datasheet HTML 4Page - STMicroelectronics ETP01-2821 Datasheet HTML 5Page - STMicroelectronics ETP01-2821 Datasheet HTML 6Page - STMicroelectronics ETP01-2821 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ETP01-xx21
Characteristics
Doc ID 14515 Rev 4
3/7
Figure 2.
Non repetitive surge peak on-state current versus overload duration
0
1
10
100
1.E-02
1.E-01
1.E+00
I
TSM(A)
F=50Hz
Tj initial=25°C
t(s)
Figure 3.
Junction capacitance versus
reverse voltage applied for
ETP01-1621 (typical values)
Figure 4.
Junction capacitance versus
reverse voltage applied for
ETP01-2821 (typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C(pF)
ETP01-1621
F=1MHz
V
OSC=30mVRMS
T
j=25°C
I/O - Gnd
I/O – I/O
VLINE(V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
5
10
15
20
25
30
C(pF)
ETP01-2821
F=1MHz
V
OSC=30mVRMS
T
j=25°C
I/O - Gnd
I/O – I/O
VLINE(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com