Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP051-4M10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HSP051-4M10
Description  4-line ESD protection for high speed lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP051-4M10 Datasheet(HTML) 2 Page - STMicroelectronics

  HSP051-4M10 Datasheet HTML 1Page - STMicroelectronics HSP051-4M10 Datasheet HTML 2Page - STMicroelectronics HSP051-4M10 Datasheet HTML 3Page - STMicroelectronics HSP051-4M10 Datasheet HTML 4Page - STMicroelectronics HSP051-4M10 Datasheet HTML 5Page - STMicroelectronics HSP051-4M10 Datasheet HTML 6Page - STMicroelectronics HSP051-4M10 Datasheet HTML 7Page - STMicroelectronics HSP051-4M10 Datasheet HTML 8Page - STMicroelectronics HSP051-4M10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
HSP051-4M10
2/12
DocID024952 Rev 4
1
Characteristics
Table 1. Absolute maximum ratings Tamb = 25 °C
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
8
25
kV
Tj
Operating junction temperature range
-40 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2. Electrical characteristics Tamb = 25 °C
Symbol
Test conditions
Min. Typ. Max. Unit
VBR
IR = 1 mA
4.5
5.8
V
IRM
VRM = 3.6 V
10
100
nA
VCL
IPP = 1 A, 8/20 µs
10
V
VCL
IEC 61000-4-2, +8 kV contact (IPP = 16 A), measured at 30 ns
13
V
Rd
Dynamic resistance, pulse duration 100 ns
I/O to GND
0.48
Ω
GND to I/O
0.96
CI/O - I/O VI/O = 0 V, F = 200 MHz to 9 GHz
0.2
0.3
pF
CI/O - GND VI/O = 0 V
F = 200 MHz to 2.5 GHz
0.4
0.55
pF
F = 2.5 GHz to 9 GHz
0.35 0.45
pF
fC
-3dB
10
GHz
Zdiff
Time domain reflectometry: tr = 200 ps (10 - 90%), Z0 = 100 Ω
85
100
115
Ω
Figure 2. Leakage current versus junction
temperature (typical values)
Figure 3. S21 attenuation measurement
IR (nA)
1
10
100
25
50
75
100
125
150
Tj (°C)
S21 (db)
100k
1M
10M
100M
1G
10G
-3
-2.5
-2
-1.5
-1
-0.5
0
0 V
2.5 V
3.6 V
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com