Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP051-4M10 Datasheet (PDF) - STMicroelectronics

HSP051-4M10 Datasheet PDF - STMicroelectronics
Part # HSP051-4M10
Download  HSP051-4M10 Download
File Size   566.02 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-line ESD protection for high speed lines

HSP051-4M10 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP051-4M10 Datasheet PDF - STMicroelectronics

Part # HSP051-4M10
Download  HSP051-4M10 Click to download

File Size   566.02 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-line ESD protection for high speed lines

HSP051-4M10 Datasheet (HTML) - STMicroelectronics


HSP051-4M10 Product details

Description
The HSP051-4M10 is a 4-channel ESD array with a rail to rail architecture designed specifically for the protection of high speed differential lines. The ultralow variation of the capacitance ensures very low influence on signal-skew. The large bandwidth make it compatible with HDMI2.0. 4k/2k (=5.94 Gbps) and USB3.1 (= 10 Gbps). The device is packaged in µQFN 2.5 mm x 1 mm with a 500 µm pitch. µQFN-10L (2.5 X 1.0 mm) HSP051-4M10 I/O 1 I/O 2 GND I/O 3 I/O 4 Internally not connected GND Internally not connected 1 2 4 5 6 8 9 10 3 7

Features
■ Flow-through routing to keep signal integrity
■ Ultralarge bandwidth: 10 GHz
■ Ultralow capacitance: – 0.2 pF (I/O to I/O) – 0.35 pF (I/O to GND)
■ Very Low dynamic resistance: 0.48 Ω
■ 100 Ω differential impedance
■ Low leakage current: 100 nA at 25 °C
■ Extended operating junction temperature range: -40 °C to 150 °C
■ Thin package: 0.5 mm max.
■ RoHS compliant Benefits
■ High ESD protection level
■ High integration
■ Suitable for high density boards Complies with following standards
■ MIL-STD 883G Method 3015-7 Class 3B: – 8 kV
■ IEC 61000-4-2 level 4: – 8 kV (contact discharge) – 15 kV (air discharge)




Similar Part No. - HSP051-4M10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
4-line ESD protection for high speed lines
07-Nov-2022
logo
TECH PUBLIC Electronics...
HSP051-4M5-TP TECHPUBLIC-HSP051-4M5-TP Datasheet
2Mb / 4P
Ultra-Low Capacitance TVS Diode
More results


Similar Description - HSP051-4M10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
4-line ESD protection for high speed lines
15-Oct-2010
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
4-line ESD protection for high speed lines
31-Oct-2013
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
4-line ESD protection for high speed lines
07-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com