Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-4F4 Datasheet (PDF) - STMicroelectronics

HSP061-4F4 Datasheet PDF - STMicroelectronics
Part # HSP061-4F4
Download  HSP061-4F4 Download
File Size   194.37 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-line ESD protection for high speed lines

HSP061-4F4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP061-4F4 Datasheet PDF - STMicroelectronics

Part # HSP061-4F4
Download  HSP061-4F4 Click to download

File Size   194.37 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-line ESD protection for high speed lines

HSP061-4F4 Datasheet (HTML) - STMicroelectronics


HSP061-4F4 Product details

Description
The HSP061-4F4 is a 4-channel ESD array with a rail to rail architecture designed specifically for the protection of high speed differential lines.
The ultra-low variation of the capacitance ensures very low influence on signal-skew.
The device is available in a Flip-Chip package with a 300 µm pitch, which minimizes the PCB area.

Features
• Flow-through routing to keep signal integrity
• Ultralarge bandwidth: 13 GHz
• Ultralow capacitance: 0.5 pF
• Low leakage current: 70 nA at 25 °C
• Extended operating junction temperature range: -40 °C to 125 °C
• Small package size: 0.72 mm2
• Very thin package: 0.380 mm typical
• RoHS compliant

Applications
The HSP061-4F4 is designed to protect against electrostatic discharge on sub micron technology circuits driving:
• HDMI 1.3 and 1.4
• Digital Video Interface
• Display Port
• USB 3.0
• Serial ATA




Similar Part No. - HSP061-4F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
4-line ESD protection for high speed lines
15-Oct-2010
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
More results


Similar Description - HSP061-4F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
4-line ESD protection for high speed lines
15-Oct-2010
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
4-line ESD protection for high speed lines
07-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com