Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP051-4M5 Datasheet (PDF) - STMicroelectronics

HSP051-4M5 Datasheet PDF - STMicroelectronics
Part # HSP051-4M5
Download  HSP051-4M5 Download
File Size   2374.2 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-line ESD protection for high speed lines

HSP051-4M5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP051-4M5 Datasheet PDF - STMicroelectronics

Part # HSP051-4M5
Download  HSP051-4M5 Click to download

File Size   2374.2 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-line ESD protection for high speed lines

HSP051-4M5 Datasheet (HTML) - STMicroelectronics


HSP051-4M5 Product details

Description
The HSP051-4M5 and HSP053-4M5 are a 4-channel ESD array with a rail to rail
architecture designed specifically for the protection of high speed differential lines.
The device is packaged in μQFN 1.3 mm x 0.8 mm with a 500 μm pitch.

Features
• Very compact 500 µm pitch package, for easy PCB layout
• Very-large bandwidth: 11.5 GHz (HSP051-4M5), 18 GHz (HSP053-4M5)
• Very-low capacitance: 0.35 pF (HSP051-4M5 - I/O to GND), 0.25 pF
(HSP053-4M5 - I/O to GND)
• Low leakage current: < 1 nA
• High integration
• Suitable for high density boards
• Extended operating junction temperature range : -40 °C to 150 °C
• Exceeds IEC 61400-4-2 level standard:
– ±20 kV (HSP051-4M5, contact discharge)
– ±10 kV (HSP053-4M5, contact discharge)
– ±30 kV (HSP051-4M5, air discharge)
– ±25 kV (HSP053-4M5, air discharge)

Applications
The HSP051-4M5 and HSP053-4M5 are designed to protect against to electro-static
discharge sub-micron technology circuits driving:
• HDMI 2.1, HDMI 2.0 and HDMI 1.4
• USB4, USB 3.2 Gen 2 and Gen 1
• Display port
• Digital video interface
• Serial ATA
The ultra low variation of the capacitance ensures very low influence on signal-skew.
The large bandwidth make it compatible with HDMI 2.1 8K (12 Gbps), HDMI 2.0
4K/2K (5.94 Gbps), USB4 (20 Gbps) and USB 3.1 Gen 2 (10 Gbps)




Similar Part No. - HSP051-4M5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
HSP051-4M5-TP TECHPUBLIC-HSP051-4M5-TP Datasheet
2Mb / 4P
Ultra-Low Capacitance TVS Diode
More results


Similar Description - HSP051-4M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
4-line ESD protection for high speed lines
15-Oct-2010
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
4-line ESD protection for high speed lines
31-Oct-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com