Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-4F4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HSP061-4F4
Description  4-line ESD protection for high speed lines
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4F4 Datasheet(HTML) 6 Page - STMicroelectronics

  HSP061-4F4 Datasheet HTML 1Page - STMicroelectronics HSP061-4F4 Datasheet HTML 2Page - STMicroelectronics HSP061-4F4 Datasheet HTML 3Page - STMicroelectronics HSP061-4F4 Datasheet HTML 4Page - STMicroelectronics HSP061-4F4 Datasheet HTML 5Page - STMicroelectronics HSP061-4F4 Datasheet HTML 6Page - STMicroelectronics HSP061-4F4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
HSP061-4F4
6/7
DocID022207 Rev 2
3
Ordering information
Figure 13. Ordering information scheme
4
Revision history
Table 3.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
HSP061-4F4
EW
Flip Chip
0.5 mg
1000
Tape and reel (7”)
HSP 06 1 - 4
F4
High speed line protection
Breakdown Voltage
Version
Number of lines
Package
F = Flip Chip
4 = pitch 300 µm, bump height 150 µm
Table 4. Document revision history
Date
Revision
Changes
08-Sep-2011
1
Initial release.
31-Oct-2013
2
Added package thickness information in Features and Figure 9.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com