Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-4F4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HSP061-4F4
Description  4-line ESD protection for high speed lines
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4F4 Datasheet(HTML) 4 Page - STMicroelectronics

  HSP061-4F4 Datasheet HTML 1Page - STMicroelectronics HSP061-4F4 Datasheet HTML 2Page - STMicroelectronics HSP061-4F4 Datasheet HTML 3Page - STMicroelectronics HSP061-4F4 Datasheet HTML 4Page - STMicroelectronics HSP061-4F4 Datasheet HTML 5Page - STMicroelectronics HSP061-4F4 Datasheet HTML 6Page - STMicroelectronics HSP061-4F4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package information
HSP061-4F4
4/7
DocID022207 Rev 2
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 9. Flip Chip dimensions
300 µm ±40
Ø 140 µm ±15
380 µm ±20
100 µm ±15
1200 µm ±50
Figure 10. Footprint recommendations
(dimensions in mm)
Figure 11. Marking
130 µm recommended
130 µm recommended
170 µm maximum
Solder stencil opening:
Copper pad Diameter:
Solder mask opening:
230 µm minimum
x
y
z
w
x
w
Dot,
xx = marking
yww = datecode
y = year,
ww = week
z = manufacturing
location



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com