Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-4F4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HSP061-4F4
Description  4-line ESD protection for high speed lines
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4F4 Datasheet(HTML) 3 Page - STMicroelectronics

  HSP061-4F4 Datasheet HTML 1Page - STMicroelectronics HSP061-4F4 Datasheet HTML 2Page - STMicroelectronics HSP061-4F4 Datasheet HTML 3Page - STMicroelectronics HSP061-4F4 Datasheet HTML 4Page - STMicroelectronics HSP061-4F4 Datasheet HTML 5Page - STMicroelectronics HSP061-4F4 Datasheet HTML 6Page - STMicroelectronics HSP061-4F4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID022207 Rev 2
3/7
HSP061-4F4
Characteristics
7
Figure 3. Leakage current versus junction
temperature (typical values)
Figure 4. Attenuation versus frequency
0.01
0.10
1.00
10.00
100.00
1000.00
25
50
75
100
125
IR (nA)
V
R =VRM = 3 V
Tj (°C)
100M
300M
1G
3G
10G
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
S21 db
F (Hz)
Figure 5. Differential impedance (Zdiff)
(1)
Figure 6. Eye diagram - HDMI mask at
3.35 Gbps per channel(1)
1.
HDMI specification conditions. This information can be provided for other applications. Please contact your local ST office.
tr = 200 ps (10% - 90%)
12.5
Ω /div
Z0Diff = 100 Ω
Board + HSP061-4F4
Figure 7. ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 8. ESD response to IEC 61000-4-2
(-8 kV contact discharge)
50 V / div
20 ns / div
20 GS / s
50 V / div
20 ns / div
20 GS / s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com