Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP061-4F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HSP061-4F4
Description  4-line ESD protection for high speed lines
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4F4 Datasheet(HTML) 1 Page - STMicroelectronics

  HSP061-4F4 Datasheet HTML 1Page - STMicroelectronics HSP061-4F4 Datasheet HTML 2Page - STMicroelectronics HSP061-4F4 Datasheet HTML 3Page - STMicroelectronics HSP061-4F4 Datasheet HTML 4Page - STMicroelectronics HSP061-4F4 Datasheet HTML 5Page - STMicroelectronics HSP061-4F4 Datasheet HTML 6Page - STMicroelectronics HSP061-4F4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
October 2013
DocID022207 Rev 2
1/7
HSP061-4F4
4-line ESD protection for high speed lines
Datasheet
- production data
Features
 Flow-through routing to keep signal integrity
 Ultralarge bandwidth: 13 GHz
 Ultralow capacitance: 0.5 pF
 Low leakage current: 70 nA at 25 °C
 Extended operating junction temperature
range: -40 °C to 125 °C
 Small package size: 0.72 mm2
 Very thin package: 0.380 mm typical
 RoHS compliant
Complies with following standards
 IEC 61000-4-2 level 4:
– 8 kV (contact discharge)
– 15 kV (air discharge)
Applications
The HSP061-4F4 is designed to protect against
electrostatic discharge on sub micron technology
circuits driving:
 HDMI 1.3 and 1.4
 Digital Video Interface
 Display Port
 USB 3.0
 Serial ATA
Description
The HSP061-4F4 is a 4-channel ESD array with a
rail to rail architecture designed specifically for the
protection of high speed differential lines.
The ultra-low variation of the capacitance ensures
very low influence on signal-skew.
The device is available in a Flip-Chip package
with a 300 µm pitch, which minimizes the PCB
area.
Figure 1. Pinout (bottom view)
Figure 2. Functional schematic (top view)
Flip-Chip package
6 bumps
I/O
I/O
I/O
I/O
GND
GND
www.st.com


Similar Part No. - HSP061-4F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
4-line ESD protection for high speed lines
15-Oct-2010
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
More results

Similar Description - HSP061-4F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
4-line ESD protection for high speed lines
15-Oct-2010
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
4-line ESD protection for high speed lines
18-Oct-2012
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
4-line ESD protection for high speed lines
27-Mar-2013
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
2-line ESD protection for high speed lines
07-Feb-2012
HSP061-2M6 STMICROELECTRONICS-HSP061-2M6 Datasheet
269Kb / 12P
2-line ESD protection for high speed lines
19-Mar-2014
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
Automotive 4-line ESD protection for high speed lines
09-Dec-2013
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
4-line ESD protection for high speed lines
14-Nov-2014
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
4-line ESD protection for high speed lines
11-Jul-2014
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
4-line ESD protection for high speed lines
07-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com