Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7985BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7985BCPZ
Description  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7985BCPZ Datasheet HTML 9Page - Analog Devices AD7985BCPZ Datasheet HTML 10Page - Analog Devices AD7985BCPZ Datasheet HTML 11Page - Analog Devices AD7985BCPZ Datasheet HTML 12Page - Analog Devices AD7985BCPZ Datasheet HTML 13Page - Analog Devices AD7985BCPZ Datasheet HTML 14Page - Analog Devices AD7985BCPZ Datasheet HTML 15Page - Analog Devices AD7985BCPZ Datasheet HTML 16Page - Analog Devices AD7985BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7985
Data Sheet
Rev. C | Page 12 of 28
TERMINOLOGY
Aperture Delay
Aperture delay is the measure of the acquisition performance
and is the time between the rising edge of the CNV input and
when the input signal is held for a conversion.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. It is often specified in
terms of resolution for which no missing codes are guaranteed.
Dynamic Range
Dynamic range is the ratio of the rms value of the full scale to
the total rms noise measured with the inputs shorted together.
The value for dynamic range is expressed in decibels. It is mea-
sured with a signal at −60 dBFS so that it includes all noise
sources and DNL artifacts.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave
input. It is expressed in bits and is related to SINAD as follows:
ENOB = (SINADdB − 1.76)/6.02
Effective Resolution
Effective resolution is expressed in bits and is calculated as follows:
Effective Resolution = log2(2N/RMS Input Noise)
Gain Error
The last transition (from 111 … 10 to 111 … 11) must occur for
an analog voltage 1½ LSB below the nominal full scale (4.999886 V
for the 0 V to 5 V range). The gain error is the deviation of the
difference between the actual level of the last transition and the
actual level of the first transition from the difference between
the ideal levels.
Integral Nonlinearity Error (INL)
INL refers to the deviation of each individual code from a line
drawn from negative full scale through positive full scale. The
point used as negative full scale occurs ½ LSB before the first
code transition. Positive full scale is defined as a level 1½ LSB
beyond the last code transition. The deviation is measured from
the middle of each code to the true straight line (see Figure 22).
Noise-Free Code Resolution
Noise-free code resolution is the number of bits beyond which it
is impossible to distinctly resolve individual codes. It is expressed
in bits and is calculated as follows:
Noise-Free Code Resolution = log2(2N/Peak-to-Peak Noise)
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Signal-to-Noise-and-Distortion Ratio (SINAD)
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
SINAD is expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms
amplitude of the input signal and the peak spurious signal.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in decibels.
Transient Response
Transient response is the time required for the ADC to accurately
acquire the input after a full-scale step function is applied.
Zero Error
Zero error is the difference between the ideal midscale voltage,
that is, 0 V, from the actual voltage producing the midscale
output code, that is, 0 LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com