Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7985BCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7985BCPZ
Description  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985BCPZ Datasheet(HTML) 2 Page - Analog Devices

  AD7985BCPZ Datasheet HTML 1Page - Analog Devices AD7985BCPZ Datasheet HTML 2Page - Analog Devices AD7985BCPZ Datasheet HTML 3Page - Analog Devices AD7985BCPZ Datasheet HTML 4Page - Analog Devices AD7985BCPZ Datasheet HTML 5Page - Analog Devices AD7985BCPZ Datasheet HTML 6Page - Analog Devices AD7985BCPZ Datasheet HTML 7Page - Analog Devices AD7985BCPZ Datasheet HTML 8Page - Analog Devices AD7985BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AD7985* PRODUCT PAGE QUICK LINKS
Last Content Update: 04/14/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD7985 Evaluation Board
DOCUMENTATION
Application Notes
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
Data Sheet
• AD7985: 16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
Data Sheet
Technical Books
• The Data Conversion Handbook, 2005
User Guides
• UG-727: Evaluating the AD7944/AD7985/AD7986 14-/16-/
18-Bit, PulSAR ADCs
REFERENCE DESIGNS
• CN0260
REFERENCE MATERIALS
Product Selection Guide
• SAR ADC & Driver Quick-Match Guide
Technical Articles
• MS-1779: Nine Often Overlooked ADC Specifications
• MS-2210: Designing Power Supplies for High Speed ADC
• MS-2689: Isolating SPI for High Bandwidth Sensors
Tutorials
• MT-002: What the Nyquist Criterion Means to Your
Sampled Data System Design
• MT-031: Grounding Data Converters and Solving the
Mystery of "AGND" and "DGND"
DESIGN RESOURCES
• AD7985 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD7985 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com