Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDP1521S Datasheet(PDF) 12 Page - STMicroelectronics

Part # LCDP1521S
Description  Dual line programmable transient voltage suppressor for SLIC protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1521S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LCDP1521S Datasheet HTML 5Page - STMicroelectronics LCDP1521S Datasheet HTML 6Page - STMicroelectronics LCDP1521S Datasheet HTML 7Page - STMicroelectronics LCDP1521S Datasheet HTML 8Page - STMicroelectronics LCDP1521S Datasheet HTML 9Page - STMicroelectronics LCDP1521S Datasheet HTML 10Page - STMicroelectronics LCDP1521S Datasheet HTML 11Page - STMicroelectronics LCDP1521S Datasheet HTML 12Page - STMicroelectronics LCDP1521S Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
LCDP1521S
12/13
Doc16268 Rev 7
4
Ordering information
Figure 16: Ordering information scheme
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
LCDP1521SRL
DP152S
SO-8
0.08 g
2500
Tape and reel
5
Revision history
Table 9: Document revision history
Date
Revision
Changes
24-Sep-2009
1
First issue.
23-Feb-2012
2
Standardized nomenclature for Gn and Gp.
20-May-2015
3
Updated Table 3 and package view.
02-Jul-2015
4
Updated package information.
08-Jul-2015
5
Updated Figure 7.
01-Oct-2016
6
Updated Section 6: "Characteristics" and Section 8.1: "SO-8
package information". Minor format changes.
09-Feb-2017
7
Updated Figure 7: "SO-8 package outline".
LCDP
15
2
1
S
RL
Line card
dual protection
Holding current
15 = 150 mA
Version
2 = devices protected
Pack age
1 = SO-8
Separated gates
Packaging
RL = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com