Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDP1521S Datasheet(PDF) 2 Page - STMicroelectronics

Part # LCDP1521S
Description  Dual line programmable transient voltage suppressor for SLIC protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1521S Datasheet(HTML) 2 Page - STMicroelectronics

  LCDP1521S Datasheet HTML 1Page - STMicroelectronics LCDP1521S Datasheet HTML 2Page - STMicroelectronics LCDP1521S Datasheet HTML 3Page - STMicroelectronics LCDP1521S Datasheet HTML 4Page - STMicroelectronics LCDP1521S Datasheet HTML 5Page - STMicroelectronics LCDP1521S Datasheet HTML 6Page - STMicroelectronics LCDP1521S Datasheet HTML 7Page - STMicroelectronics LCDP1521S Datasheet HTML 8Page - STMicroelectronics LCDP1521S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
LCDP1521S
2/13
Doc16268 Rev 7
1
Characteristics
Table 1: Standards compliance
Standard
Peak surge
voltage (V)
Voltage
waveform
Required peak
current (A)
Current
waveform
Minimum serial
resistor to meet
standard ( Ω )
GR-1089 Core
First level
2500
1000
2/10 μs
10/1000 μs
500
100
2/10 μs
10/1000 μs
20
30
GR-1089 Core
Second level
5000
2/10 μs
500
2/10 μs
40
GR-1089 Core
Intra-building
1500
2/10 μs
100
2/10 μs
0
ITU-T-K20/K21
6000
1500
10/700 μs
150
37.5
5/310 μs
110
0
ITU-T-K20 (IEC
61000-4-2)
8000
15000
1/60 ns
ESD contact discharge
ESD air discharge
0
0
IEC 61000-4-5
4000
4000
10/700 μs
1.2/50 μs
100
100
5/310 μs
8/20 μs
60
5
TIA-968-A,
lightning surge
type A
1500
800
10/160 μs
10/560 μs
100
200
10/160 μs
10/560 μs
26
19
TIA-968-A,
lightning surge
type B
1000
9/720 μs
25
5/320 μs
0
Table 2: Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
170
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com