Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP22 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCP22
Description  Protection IC for ringing SLICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP22 Datasheet(HTML) 1 Page - STMicroelectronics

  LCP22 Datasheet HTML 1Page - STMicroelectronics LCP22 Datasheet HTML 2Page - STMicroelectronics LCP22 Datasheet HTML 3Page - STMicroelectronics LCP22 Datasheet HTML 4Page - STMicroelectronics LCP22 Datasheet HTML 5Page - STMicroelectronics LCP22 Datasheet HTML 6Page - STMicroelectronics LCP22 Datasheet HTML 7Page - STMicroelectronics LCP22 Datasheet HTML 8Page - STMicroelectronics LCP22 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
October 2014
Doc ID025775 Rev 3
1/10
LCP22
Protection IC for ringing SLICs
Datasheet
− production data
Features
• Protection IC recommended for ringing SLICs
• Wide firing voltage range: -120 V to +120 V
• Low gate triggering current: IG = 5 mA max
• Peak pulse current: IPP = 50 A (10/1000 µs)
• Holding current: IH = 150 mA min.
Applications
• Dual battery supply voltage SLICs
• Central office (CO)
• Private branch exchange (PBX)
• Digital loop carrier (DLC)
• Digital subscriber line access multiplexer
(DSLAM)
• Fiber in the loop (FITL)
• Wireless local loop (WLL)
• Hybrid fiber coax (HFC)
• ISDN terminal adapter
• Cable modem
TM: Trisil is a trademark of STMicroelectronics
Description
The LCP22 has been developed to protect SLICs
operating on both negative and positive battery
supplies, as well as high voltage SLICs. It
provides crowbar mode protection for both TIP
and RING lines. The surge suppression is
assumed for each wire by two thyristor structures,
one dedicated to positive surges the second one
for negative surges. Both positive and negative
threshold levels are programmable by two gates.
LCP22 can be used to help equipment to meet
various standards such as UL1950, IEC 60950 /
CSAC22.2, UL1459 and TIA-968-A. LCP22
pinout and clearance is compatible with UL60950.
A Trisil
™ meets UL94 V0.
The LCP22 associated with Epcos PTC model
B59173C1130A151 is compliant with
ITU TK20/K21 (4 kV lightning and AC power fault
tests).
Figure 1. Functional diagram
Figure 2. Pin-out configuration
Gn
Line (TIP or RING)
Gp
GND
Line (RING or TIP)
GND
Line (TIP or RING)
Line (RING or TIP)
Gp
Gn
NC
NC
GND
www.st.com


Similar Part No. - LCP22

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
LCP2-0.36-330 TALEMA-LCP2-0.36-330 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
LCP2-0.44-220 TALEMA-LCP2-0.44-220 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
LCP2-0.54-150 TALEMA-LCP2-0.54-150 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
LCP2-0.66-100 TALEMA-LCP2-0.66-100 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
LCP2-0.80-68 TALEMA-LCP2-0.80-68 Datasheet
74Kb / 2P
Miniature Low Cost Toroidal Inductors
More results

Similar Description - LCP22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP02-150B1 STMICROELECTRONICS-LCP02-150B1 Datasheet
72Kb / 8P
PROTECTION IC FOR RINGING SLICS
Sep-2000
LCP02-150M STMICROELECTRONICS-LCP02-150M Datasheet
122Kb / 10P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
31-Oct-2006
LCP12-150 STMICROELECTRONICS-LCP12-150 Datasheet
215Kb / 10P
Protection IC for ringing SLICs
20-Mar-2014
AN2456 STMICROELECTRONICS-AN2456 Datasheet
617Kb / 15P
Protection of single battery voltage SLICs for new networks in US market
03-Nov-2006
logo
Seiko Instruments Inc
S-8235AAA-TCT1U SII-S-8235AAA-TCT1U Datasheet
1Mb / 24P
FOR AUTOMOTIVE BATTERY PROTECTION IC
logo
STMicroelectronics
LCP12 STMICROELECTRONICS-LCP12 Datasheet
215Kb / 10P
Protection IC for ringing SLICs
20-Mar-2014
logo
Neotec Semiconductor Lt...
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
logo
STMicroelectronics
LCP02 STMICROELECTRONICS-LCP02 Datasheet
211Kb / 10P
Protection IC for ringing SLICs
20-Mar-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com