Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T254V Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T254V
Description  CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T254V Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T254V Datasheet HTML 14Page - STMicroelectronics M48T254V Datasheet HTML 15Page - STMicroelectronics M48T254V Datasheet HTML 16Page - STMicroelectronics M48T254V Datasheet HTML 17Page - STMicroelectronics M48T254V Datasheet HTML 18Page - STMicroelectronics M48T254V Datasheet HTML 19Page - STMicroelectronics M48T254V Datasheet HTML 20Page - STMicroelectronics M48T254V Datasheet HTML 21Page - STMicroelectronics M48T254V Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
M48T254V
18/24
Battery Low
The M48T254V automatically performs battery
voltage monitoring upon power-up, and at factory-
programmed time intervals of at least 24 hours.
The Battery Low (BL) signal will be asserted if the
battery voltage is found to be less than approxi-
mately 2.5V. The BL signal will remain asserted
until completion of battery replacement and sub-
sequent battery low monitoring tests, either during
the next power-up sequence or the next scheduled
24-hour interval.
If a battery low is generated during a power-up se-
quence, this indicates that one of the batteries is
below 2.5V and may not be able to maintain data
integrity in the SRAM. Data should be considered
suspect,
and
verified
as
correct.
All
three
SNAPHAT® tops should be replaced.
If a battery low indication is generated during the
24-hour interval check, this indicates that one of
the batteries is near end of life. However, data is
not compromised due to the fact that a nominal
VCC is supplied. In order to insure data integrity
during subsequent periods of battery back-up
mode, the batteries should be replaced. The
SNAPHAT top should be replaced with valid VCC
applied to the device.
The M48T254V only monitors the batteries when
a nominal VCC is applied to the device. Thus appli-
cations which require extensive durations in the
battery back-up mode should be powered-up peri-
odically (at least once every few months) in order
for this technique to be beneficial. Additionally, if a
battery low is indicated, data integrity should be
verified upon power-up via a checksum or other
technique. The BL signal is an open drain output
and an appropriate pull-up resistor should be cho-
sen to control the rise time.
Note: The BL signal is available only for the exter-
nal SRAM, not for the Real-Time Clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com