Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T254V Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48T254V
Description  CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T254V Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48T254V Datasheet HTML 15Page - STMicroelectronics M48T254V Datasheet HTML 16Page - STMicroelectronics M48T254V Datasheet HTML 17Page - STMicroelectronics M48T254V Datasheet HTML 18Page - STMicroelectronics M48T254V Datasheet HTML 19Page - STMicroelectronics M48T254V Datasheet HTML 20Page - STMicroelectronics M48T254V Datasheet HTML 21Page - STMicroelectronics M48T254V Datasheet HTML 22Page - STMicroelectronics M48T254V Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19/24
M48T254V
PART NUMBERING
Table 10. Ordering Information Scheme
Note: 1. The SOIC packages (SO28/SO44) require the battery/crystal package (SNAPHAT) which is ordered separately under the part num-
ber “M4T32-BR12SH” in plastic tube or “M4T32-BR12SHTR” in Tape and Reel form.
2. Where “Z” is the symbol for BGA packages and “A” denotes 1.27mm ball pitch
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Table 11. SNAPHAT Battery Table
Example:
M48T
254V
–10
ZA
1
Device Type
M48T
Supply Voltage and Write Protect Voltage
254V = VCC = 3.0 to 3.6V; VPFD = 2.8 to 2.97V
Speed
–10 = 100ns
Package(1)
ZA = 42.5mm x 42.5mm(2), 1.27mm Ball Pitch, BGA Module
Temperature Range
1 = 0 to 70°C
Part Number
Description
Package
M4T32-BR12SH
Lithium Battery (120mAh) SNAPHAT
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com