Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS130A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS130A
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS130A Datasheet(HTML) 1 Page - STMicroelectronics

  STPS130A Datasheet HTML 1Page - STMicroelectronics STPS130A Datasheet HTML 2Page - STMicroelectronics STPS130A Datasheet HTML 3Page - STMicroelectronics STPS130A Datasheet HTML 4Page - STMicroelectronics STPS130A Datasheet HTML 5Page - STMicroelectronics STPS130A Datasheet HTML 6Page - STMicroelectronics STPS130A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Product Characteristics
IF(AV)
1 A
VRRM
30 V
Tj (max)
150°C
VF(max)
0.46 V
STPS130
POWER SCHOTTKY RECTIFIER
REV. 5
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS) RMS forward voltage
7
A
IF(AV)
Average forward current
TL = 130°C δ = 0.5
1A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
45
A
IRRM
Repetitive peak reverse current
tp = 2µs F = 1kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100µs square
1
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
1200
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
dPt ot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>
SMA
(JEDEC DO-214AC)
STPS130A
SMB
(JEDEC DO-214AA)
STPS130U
August 2004
FEATURES AND BENEFITS
■ Very low forward voltage drop for less power
dissipation
■ Optimized conduction/reverse losses trade-off
which
means
the
highest
yield
in
the
applications
■ Surface mount miniature packages
■ Avalanche capability specified
DESCRIPTION
Single Schottky rectifier suited to Switched Mode
Power Supplies and high frequency DC to DC
converters.
Packaged in SMA and SMB, this device is
especially intended for use in parallel with
MOSFETs in synchronous rectification and low
voltage secondary rectification.
Table 2: Order Codes
Part Number
Marking
STPS130A
S130
STPS130U
G12


Similar Part No. - STPS130A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
More results

Similar Description - STPS130A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com