Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0806 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T0806
Description  3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0806 Datasheet(HTML) 1 Page - ATMEL Corporation

  T0806 Datasheet HTML 1Page - ATMEL Corporation T0806 Datasheet HTML 2Page - ATMEL Corporation T0806 Datasheet HTML 3Page - ATMEL Corporation T0806 Datasheet HTML 4Page - ATMEL Corporation T0806 Datasheet HTML 5Page - ATMEL Corporation T0806 Datasheet HTML 6Page - ATMEL Corporation T0806 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 4522ES–DVD–01/04
Features
• Current-controlled Output Current Source, 3 Input Channels
• Two Selectable Outputs for Grounded Laser Diodes
• Output Current per Channel up to 250 mA
• Total Output Current to 300 mA (Minimum)
• Rise Time 1.0 ns, Fall Time 1.1 ns
• On-chip RF Oscillator
• Control of 2 Different Swings by Use of 2 external Resistors
• Oscillator Frequency Range from 200 MHz to 600 MHz
• Oscillator Swing to 100 mA
• Single 5 V Power Supply
• Common Enable/Disable Input
• TTL/CMOS Control Signals
• Small PB-free QFN16 (4 mm
× 4 mm) or SSO16 Package
Applications
• DVD-ROM with CD-RW Capability (Combo Drives)
• Combo Drives with CD and DVD Writing Capability
Description
The T0806 is a laser diode driver for the operation of two different grounded laser
diodes for DVD-RAM (650 nm) and CD-RW (780 nm) drives. It includes three chan-
nels for three different optical power levels which are controlled by a separate IC. The
read channel generates a continuous output level whereas channels 2 and 3 are pro-
vided as write channels with very fast switching speeds. Write current pulses are
enabled when a low signal is applied to the NE pins. All channels are summed
together and switched to one of the two outputs IOUTA or IOUTB by the select input
SELA. Each channel can contribute up to 250 mA to the total output current of up to
300 mA. A total gain of 100 is provided between each reference current input and the
selected output. Although the reference inputs are current inputs, voltage control is
possible by using external resistors.
An on-chip RF oscillator is provided to reduce laser mode hopping noise during read
mode. Swing can be set independently for the two selectable outputs with two different
resistors. Oscillation is enabled by a high signal at the ENOSC pin. Complete output
current and oscillator switch-off is achieved by a low signal at the ENABLE input.
Figure 1. Block Diagram
Channel 2
I3
NE3
I2
NE2
Read channel
RF oscillator
IR
ENOSC
ENABLE
RSA
IOUTA
IOUTB
RF
RSB
SELA
Channel 3
3-Channel Laser
Driver with
RF Oscillator
and 2 Outputs
T0806
Summary


Similar Part No. - T0806

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0806 ATMEL-T0806 Datasheet
282Kb / 8P
3-channel Laser Driver with RF Oscillator and 2 Outputs
logo
Epson Company
T0806 EPSON-T0806 Datasheet
41Kb / 1P
Original Inkjet Cartridges
logo
ATMEL Corporation
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
3-channel Laser Driver with RF Oscillator and 2 Outputs
More results

Similar Description - T0806

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0800 ATMEL-T0800 Datasheet
290Kb / 14P
5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
Three Channel Laser Driver with RF Oscillator and Two Outputs
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
3-channel Laser Driver with RF Oscillator and 2 Outputs
T0816 ATMEL-T0816_05 Datasheet
378Kb / 15P
3-channel Laser Driver with RF Oscillator
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
4-channel Laser Driver with RF Oscillator
logo
Analog Devices
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com