Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0806 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T0806
Description  3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0806 Datasheet(HTML) 2 Page - ATMEL Corporation

  T0806 Datasheet HTML 1Page - ATMEL Corporation T0806 Datasheet HTML 2Page - ATMEL Corporation T0806 Datasheet HTML 3Page - ATMEL Corporation T0806 Datasheet HTML 4Page - ATMEL Corporation T0806 Datasheet HTML 5Page - ATMEL Corporation T0806 Datasheet HTML 6Page - ATMEL Corporation T0806 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
T0806
4522ES–DVD–01/04
Pin Configuration
Figure 2. Pinning SSO16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
I3
RF
NE2
NE3
ENABLE
ENOSC
IR
I2
GND
RSA
RSB
IOUTB
SELA
VCC2
VCC1
IOUTA
T0806
Pin Description SSO16
Pin
Symbol
Type
Function
1
IR
Analog
Input current, bias voltage approximately GND
2
I2
Analog
Input current, bias voltage approximately GND
3
I3
Analog
Input current, bias voltage approximately GND
4
RF
Analog
External resistor to GND sets oscillator frequency of oscillator A
5
NE2
Digital
Digital control of channel 2 (low active)
6
NE3
Digital
Digital control of channel 3 (low active)
7
ENABLE
Digital
Enables output current (high active)
8
ENOSC
Digital
Enables RF oscillator (high active)
9
VCC2
Supply
+5 V power supply for IOUT
10
SELA
Digital
High: selects IOUTA, RSA
Low: selects IOUTB, RSB
11
IOUTB
Analog
Output current source B for laser diode
12
RSB
Analog
External resistor to GND sets swing of oscillator B
13
RSA
Analog
External resistor to GND sets swing of oscillator A
14
GND
Supply
Ground
15
IOUTA
Analog
Output current source A for laser diode
16
VCC1
Supply
+5 V power supply for IOUT and circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com