Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10909 Datasheet(PDF) 6 Page - Cree, Inc

Part # C10909
Description  Eva series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C10909 Datasheet(HTML) 6 Page - Cree, Inc

Back Button C10909 Datasheet HTML 2Page - Cree, Inc C10909 Datasheet HTML 3Page - Cree, Inc C10909 Datasheet HTML 4Page - Cree, Inc C10909 Datasheet HTML 5Page - Cree, Inc C10909 Datasheet HTML 6Page - Cree, Inc C10909 Datasheet HTML 7Page - Cree, Inc C10909 Datasheet HTML 8Page - Cree, Inc C10909 Datasheet HTML 9Page - Cree, Inc C10909 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
A
D
1
DESIGNED BY
HH
DATE
13.05.2009
CHECKED BY
DATE
DRAWN BY
DATE
1.3.2013
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
2:1 WEIGHT(g)
SHEET
1/1
SIZE
A4
DRAWING NUMBER
C10909
REV
2
DRAWING TITLE
Datasheet Eva-mc-WW Lens
Tolerances
if not otherwise shown:
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position:
class L
Raw material(s):
PMMA 8N
Ledil Oy
Salorankatu 10
24100 SALO
Finland
ah
3 5
Top view
30. 6
Side view
7.
1
Bottom view
Isometric view
Scale:
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com