Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10909 Datasheet(PDF) 1 Page - Cree, Inc

Part # C10909
Description  Eva series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C10909 Datasheet(HTML) 1 Page - Cree, Inc

  C10909 Datasheet HTML 1Page - Cree, Inc C10909 Datasheet HTML 2Page - Cree, Inc C10909 Datasheet HTML 3Page - Cree, Inc C10909 Datasheet HTML 4Page - Cree, Inc C10909 Datasheet HTML 5Page - Cree, Inc C10909 Datasheet HTML 6Page - Cree, Inc C10909 Datasheet HTML 7Page - Cree, Inc C10909 Datasheet HTML 8Page - Cree, Inc C10909 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PRODUCT DATASHEET
Eva series
last update 10/3/2016
DETAILS
Product Number
C10909_EVA-WW
Family
Eva
Type
Lens
Color
clear
Diameter
35 mm
Height
16,4 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
10/03/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MC-E
47 deg
Very Wide
90 %
1.000
-
XM-L
64 deg
Very Wide
77 %
-
-
XM-L HVW
sim: 58
Very Wide
91 %
-
-
XT-E
47 deg
Very Wide
76 %
1.100
-
MHB-A/B
52 deg
Very Wide
76 %
1.020
-
XP-G2
sim: 57
Very Wide
sim: 90 % sim: 1.140 -
XHP35 HI
71 deg
Very Wide
75 %
0.550
-
LUXEON M/MX
65 deg
Very Wide
80 %
-
-
LUXEON 5258
sim: 50
Very Wide
sim: 93 % sim: 1.300 -
LUXEON 5050
57 deg
Very Wide
78 %
0.970
-
Duris S8
55 deg
Very Wide
79 %
1.000
-
Duris P10
sim: 56
Very Wide
sim: 93 % sim: 1.230 -
Z8Y15
45 deg
Very Wide
77 %
1.260
-
Z8Y19
47 deg
Very Wide
76 %
1.200
-
June 12th 2017 4:16 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10909

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10909 LEDIL-C10909 Datasheet
880Kb / 17P
Eva Lens
More results

Similar Description - C10909

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12802 CREE-CA12802 Datasheet
341Kb / 6P
Eva series
CA12805 CREE-CA12805 Datasheet
368Kb / 6P
Eva series
CA12858 CREE-CA12858 Datasheet
411Kb / 7P
Eva series
C12828 CREE-C12828 Datasheet
1Mb / 19P
Eva series
C12041 CREE-C12041 Datasheet
266Kb / 5P
Eva series
CA12055 CREE-CA12055 Datasheet
342Kb / 6P
Eva series
CA12057 CREE-CA12057 Datasheet
452Kb / 8P
Eva series
CA12059 CREE-CA12059 Datasheet
256Kb / 6P
Eva series
CP12197 CREE-CP12197 Datasheet
71Kb / 2P
Eva series
CP12198 CREE-CP12198 Datasheet
92Kb / 2P
Eva series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com