Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS14130 Datasheet(PDF) 2 Page - Cree, Inc

Part # CS14130
Description  HighBay series
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CS14130 Datasheet(HTML) 2 Page - Cree, Inc

  CS14130 Datasheet HTML 1Page - Cree, Inc CS14130 Datasheet HTML 2Page - Cree, Inc CS14130 Datasheet HTML 3Page - Cree, Inc CS14130 Datasheet HTML 4Page - Cree, Inc CS14130 Datasheet HTML 5Page - Cree, Inc CS14130 Datasheet HTML 6Page - Cree, Inc CS14130 Datasheet HTML 7Page - Cree, Inc CS14130 Datasheet HTML 8Page - Cree, Inc CS14130 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
PRODUCT DATASHEET
HighBay series
last update 29/5/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Oslon Square EC
sim: 56
Wide
sim: 93 % -
-
Duris S8
sim: 56
Wide
sim: 95 % sim: 1.140 -
Oslon SSL 80
sim: 52
Wide
sim: 94 % sim: 1.200 -
Oslon Square Gen3
sim: 56
Wide
sim: 94 % 1.080
-
Fortimo FastFlex LED board 2x6 DP G4 58 deg
Wide
93 %
0.870
-
Fortimo FastFlex LED board 2x6 DPX G459 deg
Wide
94 %
0.840
-
Z5M1/Z5M2
59 deg
Wide
94 %
0.870
-
Acrich MJT 4040
sim: 52
Wide
sim: 93 % sim: 1.200 -
Z5M
sim: 50
Wide
sim: 94 % sim: 1.000 -
Z8Y22P
57 deg
Wide
94 %
0.880
-
TL1L3
sim: 54
Wide
sim: 89 % -
-
TL1L2
sim: 55
Wide
sim: 94 % sim: 0.980 -
TL1L4
56 deg
Wide
94 %
0.950
-
June 12th 2017 3:40 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com