Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS14130 Datasheet(PDF) 3 Page - Cree, Inc

Part # CS14130
Description  HighBay series
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CS14130 Datasheet(HTML) 3 Page - Cree, Inc

  CS14130 Datasheet HTML 1Page - Cree, Inc CS14130 Datasheet HTML 2Page - Cree, Inc CS14130 Datasheet HTML 3Page - Cree, Inc CS14130 Datasheet HTML 4Page - Cree, Inc CS14130 Datasheet HTML 5Page - Cree, Inc CS14130 Datasheet HTML 6Page - Cree, Inc CS14130 Datasheet HTML 7Page - Cree, Inc CS14130 Datasheet HTML 8Page - Cree, Inc CS14130 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
1/1
SIZE
A3
DRAWING TITLE
CS14130_HB-IP-2x6-W
PART NUMBER
CS14130
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy."
INDEX PART NO DESCRIPTION
MATERIAL
COLOUR
1
CS14130
HB-IP-2x6-W
PMMA 8N, Silicone seal
Silicone seal is tested to work in
LEDiL test assemblies. Customer is
recommended to test the sealing in
the end product due many variables,
such as heat sink surface and
possible chemical traces
50. 8
pos pi n
1. 7
hol e
54. 2
54. 2
54. 2
146. 5
(
)
PCB typically 146,6m m
Led position
Wiring:
PCB is fully sealed between
the lens with silicone seal
and the heatsink. Wiring
needs to be done trough the
PCB and heat sink to
maintain high IP rating.
25. 4
A
B
17 3
3. 5
Fasten middle screws first. Recommended torque
with pan head screw: 0.57Nm
(for 1.6mm thick PCB, no thermal pad)
D
D
C
C
Detail A
Scale:
2:1
Detail B
Scale:
2:1
3. 2
Section view D-D
Scale:
2:1
3. 5
M3 screw siz e
6
9. 9
1. 6 (1.6mm pcb )
Section view C-C
Scale:
1:1
Ribs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com