Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP554 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP554
Description  TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP554 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP554 Datasheet HTML 1Page - Toshiba Semiconductor TLP554 Datasheet HTML 2Page - Toshiba Semiconductor TLP554 Datasheet HTML 3Page - Toshiba Semiconductor TLP554 Datasheet HTML 4Page - Toshiba Semiconductor TLP554 Datasheet HTML 5Page - Toshiba Semiconductor TLP554 Datasheet HTML 6Page - Toshiba Semiconductor TLP554 Datasheet HTML 7Page - Toshiba Semiconductor TLP554 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP554
2
2002-07-09
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Low Level input Voltage
VFL
-3
0
1.0
V
High Level input current
IFH
6.3*
¾
20
mA
Supply Voltage
VCC
4.5
5
5.5
V
High-Level Enable Voltage
VEH
2.0
¾
VCC
V
Low-Level Enable Voltage
VEL
0
¾
0.8
V
Fan Out(TTL Load)
N
¾
¾
8
¾
Operating Temperature
Topr
0
¾
70
°C
*6.3mA condition permits at least 20% CTR degradation
Initial switching threshold is 5.0mA or less.
MAXIMUM RATINGS (Ta ==== 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
20
mA
Reverse Voltage
VR
5
V
Output Current
IO
25
mA
Output Voltage
VO
-0.5~7
V
Supply Voltage
(Note 2)
VCC
7
V
Enable Voltage
(Note 3)
VE
5.5
V
Output Power Dissipation
PO
40
mW
Storage Temperature Range
Tstg
-55~125
°C
Operating Temperature Range
Topr
-40~85
°C
Lead Soldering Temperature (10 s)
(Note 4)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H.≤ 60%)
(Note 5)
BVS
2500
Vrms
(Note 1) The VCC supply voltage to each TLP554 isolator must be bypassed by a 0.1
mF
capacitor or larger.This can be either a ceramic or solid tantalum capacitor with
good high frequency characteristic and should be connected as close as possible to
the package VCC and GND pins each device.
(Note 2) 1 Minute Maximum.
(Note 3) Not to exceed VCC by more than 500mV.
(Note 4) 2mm below seating plane.
(Note 5) Device considered a two-terminal device :Pins 1,2,3 and 4 shorted together,and Pins 5,
6,7 and 8 shorted together.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com