Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP554 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP554
Description  TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP554 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP554 Datasheet HTML 1Page - Toshiba Semiconductor TLP554 Datasheet HTML 2Page - Toshiba Semiconductor TLP554 Datasheet HTML 3Page - Toshiba Semiconductor TLP554 Datasheet HTML 4Page - Toshiba Semiconductor TLP554 Datasheet HTML 5Page - Toshiba Semiconductor TLP554 Datasheet HTML 6Page - Toshiba Semiconductor TLP554 Datasheet HTML 7Page - Toshiba Semiconductor TLP554 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP554
1
2002-07-09
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
T L P 5 5 4
ISOLATED LINE RECEIVER
SIMPLEX/MULTIPLEX DATA TRANSMISSION
COMPUTER-PERIPHERAL INTERFACE
MICROPROCESSOR SYSTEM INTERFACES
DIGITAL ISOLATION FOR A/D,D/A CONVERSION
The TOSHIBA TLP554 a photocoupler which combines a GaAlAsIRED as
the emitter and an integrated high gain,high speed photodetector.
The output of the detector circuit is an open collector,Schottky Clamped
transistor.
A Faraday shield integrated on the photodetector chip reduces the effects of
capacitive coupling between the input LED emitter and the high gain stages
of the detector. This provides an effective common mode transient immunity
of 1000V/us.
l
Input Current Threshold
: IF=5mA(Max.)
l
Switching Speed
: 10MBd(TYP,@NRZ)
l
Common mode transient immunity
: ±1000V/us(Min)
l
Guaranteed PerformanceOverTemperature : 0~70°C
l
Isolation Voltage
: 2500Vrms(Min)
l
UL Recognized
:UL1577,File No.E67349
TRUTH TABLE(Positive Logic)
INPUT
ENABLE
OUTPUT
H
H
L
L
H
H
H
L
H
L
L
H
SCHEMATIC
VCC
GND
ICC
IO
IF
2+
5
6
VO
VF
3-
SHIELD
7
VE
8
IE
A 0.1
mF bypass capacitor must be connected
Between pins 8 and 5.(See Note 1)
PIN CONFIGURATION (TOP VIEW)
1:NC
2:ANODE
3:CATHODE
4:N.C.
5:GND
6:VO(OUTPUT)
7:VE(ENABLE)
8:VCC
1
2
3
45
6
7
8
VCC
GND
SHIELD
Unit: mm
JEDEC
TOSHIBA
11-10C4
Weight: 0.54 g


Similar Part No. - TLP554

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
370Kb / 8P
SIMPLEX/MULTIPLEX DATA TRANSMISSION
TLP554 TOSHIBA-TLP554_07 Datasheet
370Kb / 8P
SIMPLEX/MULTIPLEX DATA TRANSMISSION
More results

Similar Description - TLP554

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com