Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-FS1-R38-X0A2-XX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-FS1-R38-X0A2-XX
Description  d-sub technical data
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-FS1-R38-X0A2-XX Datasheet(HTML) 1 Page - Amphenol Corporation

  P-FS1-R38-X0A2-XX Datasheet HTML 1Page - Amphenol Corporation P-FS1-R38-X0A2-XX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8.14±0.20
5.49±0.20
0.80
0.40
5.18
2.51
1
REF.
0.29
2.11 REF.
8.15
REF.
17.37 REF.
5.80
(11.50)
C
0.3
D
0.3
±0.05
)
11.50
8.60
(
)
16.80
(
±0.050
1.45
1.45
0.90±0.05
B
FOR FS1-R38-X0A2-X0
RECOMMENDED PCB LAYOUT
NO TRACES OR INK MARKING ALLOWED
KEEPOUT ZONE IN HATCHED AREAS
A B
B
A
L
0.05
0.05 L
A
±0.030
16.80±0.050
(
)
1.55
0.35±0.030
REF.
2X
±0.050
1.55
1.14
1.80
REF.
REF.
1.27
2.03
1.78 REF.
6.30
16.60
18.20
2.93
1.14 MIN.
5.35
29/APR/10
D
C
B
A
A
B
C
D
ENG.REL.NO.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILIMETERS
TOLERANCES ARE:
DECIMALS
ANGLES
D
YK
C
UPPER SHORTING BAR REMOVED
HOLD DOWN TAB CONFIGURATION ADDED
2
0.13
MATERIAL AND FINISH
DO NOT SCALE DRAWING
1
2
3
4
5
6
7
8
8
76
54
32
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
E
F
E
F
IE APP'D
DWG APP'D
TITLE
Amphenol Canada Corp.
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
ECN
1 OF 2
NTS
CODE IDENT. NO.
B
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
38 POSITION CONNECTOR
P-FS1-R38-X0A2-XX
FS1
03554
K.SOBEL
YK
15/APR/10
21/APR/06
D
PROPOSAL DRAWING
15/APR/10
EAR 12923
YK
YK
15/APR/10
.X
0.25
.XX
EXPRESS PORT, QSFP+
E10141
D
1) MATERIAL:
CONTACTS: PHOSPHOR BRONZE
NOTES:
HOUSING: SOLDER REFLOW PROCESS COMPATIBLE LCP, UL94V-0
4) COMPLIES WITH SFF-8436 SPECIFICATION
MECHANICAL: 250 MATING CYCLES MINIMUM
ELECTRICAL: 0.5 AMPS MAX. PER CONTACT
2) ROHS COMPLIANT
3) PERFORMANCE:
0.10 C
PART NUMBER
NOISE CANCELLATION
FEATURE
PACKAGING
FS1-R38-20A2-10
YES
FS1-R38-20A2-00
NO
FS1-R38-30A2-10
YES
FS1-R38-30A2-00
NO
CONTACT PLATING
TAPE AND REEL
15μ" GOLD OVER 50μ" NICKEL IN CONTACT AREAS
100μ" MATTE TIN OVER 50μ" NICKEL IN SOLDER AREAS
30μ" GOLD OVER 50μ" NICKEL IN CONTACT AREAS
100μ" MATTE TIN OVER 50μ" NICKEL IN SOLDER AREAS


Similar Part No. - P-FS1-R38-X0A2-XX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-FS1-R38-X000 AMPHENOL-P-FS1-R38-X000 Datasheet
73Kb / 1P
d-sub technical data
More results

Similar Description - P-FS1-R38-X0A2-XX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
d-sub technical data
RJMG2310228A0ER AMPHENOL-RJMG2310228A0ER Datasheet
1Mb / 4P
d-sub technical data
P-456E-107S AMPHENOL-P-456E-107S Datasheet
105Kb / 1P
d-sub technical data
P-456E-X17S AMPHENOL-P-456E-X17S Datasheet
99Kb / 1P
d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
d-sub technical data
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com