Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-FS1-R38-X0A2-XX Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P-FS1-R38-X0A2-XX
Description  d-sub technical data
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-FS1-R38-X0A2-XX Datasheet(HTML) 2 Page - Amphenol Corporation

  P-FS1-R38-X0A2-XX Datasheet HTML 1Page - Amphenol Corporation P-FS1-R38-X0A2-XX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.80
0.40
5.18
2.51
1
8.15
REF.
REF.
0.29
2.11 REF.
17.37 REF.
8.14±0.20
2.64
5.49±0.20
K.SOBEL
YK
15/APR/10
21/APR/06
D
SEE SHEET 1
29/APR/10
EAR 12923
D
C
B
A
A
B
C
D
ENG.REL.NO.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
P-FS1-R38-X0A2-XX
03554
38 POSITION CONNECTOR
FS1
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
DESIGNED
CHECKED
QA APP'D
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILIMETERS
TOLERANCES ARE:
DECIMALS
ANGLES
2
0.13
MATERIAL AND FINISH
DO NOT SCALE DRAWING
1
2
3
4
5
6
7
8
8
76
54
32
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
E
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
ECN
2 OF 2
NTS
CODE IDENT. NO.
D
F
E
F
IE APP'D
DWG APP'D
TITLE
Amphenol Canada Corp.
.X
0.25
.XX
EXPRESS PORT, QSFP+
YK
RECOMMENDED PCB LAYOUT
A
0.05 L
B
B
A B
B
FOR FS1-R38-X0A2-X1
A
0.05
A
KEEPOUT ZONE IN HATCHED AREAS
L
L
NO TRACES OR INK MARKING ALLOWED
0.10
B
0.10 L
A
1.14
1.27
REF.
REF.
1.78
(
REF.
14.89
REF.
2 PLC.
±0.05
±0.050
16.80
±0.05
1.72
1.55)
1.80±0.030
0.35±0.030
2.03
2 PLC.
±0.05
1.22
2X
1.55±0.050 1.55
2.69
0.96
0.3
C
2 PCS.
SOLDER TABS
D
0.3
16.80
8.60
±0.05
11.50
±0.050
1.45
(
)
)
(
1.45
0.90±0.05
11.50
5.80
(
)
0.05±0.05
5.30
5.35
16.60
18.20
2.93
6.30
1.14 MIN.
14.39
CONTACTS: PHOSPHOR BRONZE
3) PERFORMANCE:
ELECTRICAL: 0.5 AMPS MAX. PER CONTACT
HOUSING: SOLDER REFLOW PROCESS COMPATIBLE LCP, UL94V-0
2) ROHS COMPLIANT
1) MATERIAL:
MECHANICAL: 250 MATING CYCLES MINIMUM
4) COMPLIES WITH SFF-8436 SPECIFICATION
D
NOTES:
0.10 C
PART NUMBER
NOISE CANCELLATION
FEATURE
PACKAGING
FS1-R38-20A2-11
YES
FS1-R38-20A2-01
NO
FS1-R38-30A2-11
YES
FS1-R38-30A2-01
NO
CONTACT PLATING
TAPE AND REEL
15μ" GOLD OVER 50μ" NICKEL IN CONTACT AREAS
100μ" MATTE TIN OVER 50μ" NICKEL IN SOLDER AREAS
30μ" GOLD OVER 50μ" NICKEL IN CONTACT AREAS
100μ" MATTE TIN OVER 50μ" NICKEL IN SOLDER AREAS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com