Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1-S Datasheet(PDF) 3 Page - CUI INC

Part # PCM1-S
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCM1-S Datasheet(HTML) 3 Page - CUI INC

  PCM1-S Datasheet HTML 1Page - CUI INC PCM1-S Datasheet HTML 2Page - CUI INC PCM1-S Datasheet HTML 3Page - CUI INC PCM1-S Datasheet HTML 4Page - CUI INC PCM1-S Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 07/25/2016
│ page 3 of 5
CUI Inc
│ SERIES: PCM1-S │ DESCRIPTION: DC-DC CONVERTER
units: mm
tolerance: ±0.25 mm
PIN CONNECTIONS
PIN
Function
1
+Vin
2
-Vin
4
NC
5
-Vout
6
+Vout
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
19.60 x 6.00 x 10.20
mm
case material
non-conductive black plastic (UL94V-0)
weight
2.2
g
MECHANICAL DRAWING
Recommended PCB Layout
Top View
NC = no connection
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com