Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1-S Datasheet(PDF) 1 Page - CUI INC

Part # PCM1-S
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCM1-S Datasheet(HTML) 1 Page - CUI INC

  PCM1-S Datasheet HTML 1Page - CUI INC PCM1-S Datasheet HTML 2Page - CUI INC PCM1-S Datasheet HTML 3Page - CUI INC PCM1-S Datasheet HTML 4Page - CUI INC PCM1-S Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 07/25/2016
page 1 of 5
SERIES: PCM1-S
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 1 W isolated output
• industry standard SIP 7 package
• 1:1 input range
• single unregulated output
• 1,000 Vdc isolation voltage
• -40 to 85°C temperature range
• efficiency up to 76%
• UL/cUL safety approval
PART NUMBER KEY
Base Number
Packaging Style:
SIP
PCM1 - SXX - SXX - S
Output Voltage
Input Voltage
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PCM1-S5-S5-S
5
4.5~5.5
5
200
1
100
76
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, output terminated with a 0.1 µF multilayer low ESR ceramic capacitor.
2. All specifications measured at Ta=25°C, nominal input voltage, rated output load, and after warm up unless otherwise specified.
For more information, please visit the product page.


Similar Part No. - PCM1-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCM1-S CUI-PCM1-S Datasheet
774Kb / 5P
DC-DC CONVERTER
06/30/2021
PCM1-S5-S5-S CUI-PCM1-S5-S5-S Datasheet
382Kb / 5P
DC-DC CONVERTER
PCM1-S5-S5-S CUI-PCM1-S5-S5-S Datasheet
774Kb / 5P
DC-DC CONVERTER
06/30/2021
PCM1-S5-S5-SA CUI-PCM1-S5-S5-SA Datasheet
335Kb / 5P
DC-DC CONVERTER
PCM1-S5-S5-SA CUI-PCM1-S5-S5-SA Datasheet
418Kb / 5P
industry standard SIP 7 package
More results

Similar Description - PCM1-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com