Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS05C Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMS05C
Description  5-Line Transient Voltage Suppressor Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMS05C Datasheet(HTML) 2 Page - ON Semiconductor

  SMS05C Datasheet HTML 1Page - ON Semiconductor SMS05C Datasheet HTML 2Page - ON Semiconductor SMS05C Datasheet HTML 3Page - ON Semiconductor SMS05C Datasheet HTML 4Page - ON Semiconductor SMS05C Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMS05C, SMS12C, SMS15C, SMS24C
http://onsemi.com
2
SMS05C ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
5.0
V
Breakdown Voltage
VBR
IT = 1.0 mA (Note 3)
6.2
7.2
V
Reverse Leakage Current
IR
VRWM = 5.0 V
5.0
mA
Clamping Voltage
VC
IPP = 5.0 A (8
20 ms Waveform)
9.8
V
Clamping Voltage
VC
IPP = 24 A (8
20 ms Waveform)
14.5
V
Maximum Peak Pulse Current
IPP
8
20 ms Waveform
24
A
Capacitance
CJ
VR = 0 V, f = 1.0 MHz (Line to GND)
260
400
pF
SMS12C ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
12
V
Breakdown Voltage
VBR
IT = 1.0 mA (Note 3)
13.3
15
V
Reverse Leakage Current
IR
VRWM = 12 V
0.001
1.0
mA
Clamping Voltage
VC
IPP = 5.0 A (8
20 ms Waveform)
19
V
Clamping Voltage
VC
IPP = 15 A (8
20 ms Waveform)
23
V
Maximum Peak Pulse Current
IPP
8
20 ms Waveform
15
A
Capacitance
CJ
VR = 0 V, f = 1.0 MHz (Line to GND)
120
150
pF
SMS15C ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified) (See Note 4)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
15
V
Breakdown Voltage
VBR
IT = 1.0 mA (Note 3)
17
19
V
Reverse Leakage Current
IR
VRWM = 15 V
0.05
1.0
mA
Clamping Voltage
VC
IPP = 5.0 A (8
20 ms Waveform)
24
V
Clamping Voltage
VC
IPP = 12 A (8
20 ms Waveform)
29
V
Maximum Peak Pulse Current
IPP
8
20 ms Waveform
12
A
Capacitance
CJ
VR = 0 V, f = 1.0 MHz (Line to GND)
95
125
pF
SMS24C ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
24
V
Breakdown Voltage
VBR
IT = 1.0 mA (Note 3)
26.7
32
V
Reverse Leakage Current
IR
VRWM = 24 V
0.001
1.0
mA
Clamping Voltage
VC
IPP = 5.0 A (8
20 ms Waveform)
40
V
Clamping Voltage
VC
IPP = 8 A (8
20 ms Waveform)
44
V
Maximum Peak Pulse Current
IPP
8
20 ms Waveform
8.0
A
Capacitance
CJ
VR = 0 V, f = 1.0 MHz (Line to GND)
60
75
pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
4. Parametrics are the same for the Pb−Free packages, which are suffixed with a “G’’.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com