Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS05C Datasheet(PDF) 1 Page - ON Semiconductor

Part # SMS05C
Description  5-Line Transient Voltage Suppressor Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMS05C Datasheet(HTML) 1 Page - ON Semiconductor

  SMS05C Datasheet HTML 1Page - ON Semiconductor SMS05C Datasheet HTML 2Page - ON Semiconductor SMS05C Datasheet HTML 3Page - ON Semiconductor SMS05C Datasheet HTML 4Page - ON Semiconductor SMS05C Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 7
1
Publication Order Number:
SMS05C/D
SMS05C, SMS12C, SMS15C,
SMS24C
5-Line Transient Voltage
Suppressor Array
This 5−line voltage transient suppressor array is designed for
application requiring transient voltage protection capability. It is
intended for use in over−transient voltage and ESD sensitive
equipment such as computers, printers, automotive electronics,
networking communication and other applications. This device
features a monolithic common anode design which protects five
independent lines in a single TSOP−6 package.
Features
• Protects up to 5 Lines in a Single TSOP−6 Package
• Peak Power Dissipation − 350 W (8 20 ms Waveform)
• ESD Rating of Class 3B (Exceeding 8.0 kV) per Human Body Model
and Class C (Exceeding 400 V) per Machine Model
• Compliance with IEC 61000−4−2 (ESD) 15 kV (Air), 8.0 kV
(Contact)
• Flammability Rating of UL 94 V−0
• These are Pb−Free Devices
Applications
• Hand−Held Portable Applications
• Networking and Telecom
• Automotive Electronics
• Serial and Parallel Ports
• Notebooks, Desktops, Servers
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Symbol
Rating
Value
Unit
PPK 1
Peak Power Dissipation
8
20 ms Double Exponential Waveform
(Note 1)
350
W
TJ
Operating Junction Temperature Range
−40 to 150
°C
TSTG
Storage Temperature Range
−55 to 150
°C
TL
Lead Solder Temperature (10 s)
260
°C
ESD
Human Body Model ( HBM)
Machine Model (MM)
IEC 61000−4−2 Air (ESD)
IEC 61000−4−2 Contact (ESD)
>8000
>400
>15000
>8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Non−repetitive current pulse per Figure 3.
TSOP−6 FIVE TRANSIENT
VOLTAGE SUPPRESSOR
350 W PEAK POWER
TSOP−6
CASE 318G
1
2
3
6
5
4
MARKING DIAGRAM
PIN ASSIGNMENT
Device
Package
Shipping†
ORDERING INFORMATION
SMS05CT1G
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. CATHODE
5. CATHODE
6. CATHODE
http://onsemi.com
1
6
6x MG
G
x = SMS05C:J
= SMS12C:K
= SMS15C:L
= SMS24C:M
M = Date Code
G = Pb−Free Package
SMS12CT1G
SMS15CT1G
TSOP−6
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SMS24CT1G
http://onsemi.com
(Note: Microdot may be in either location)


Similar Part No. - SMS05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS05C SEMTECH-SMS05C Datasheet
164Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS05C MICROSEMI-SMS05C Datasheet
186Kb / 2P
4 LINE BIDIRECTIONAL TVSarray
logo
ON Semiconductor
SMS05C ONSEMI-SMS05C Datasheet
112Kb / 6P
5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
logo
Semtech Corporation
SMS05C SEMTECH-SMS05C Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMS05C PROTEC-SMS05C Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
More results

Similar Description - SMS05C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
SMS05C ONSEMI-SMS05C Datasheet
112Kb / 6P
5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
NUP5150MU ONSEMI-NUP5150MU Datasheet
89Kb / 4P
5-Line Transient Voltage Suppressor Array
September, 2007 - Rev. 0
logo
WILLAS ELECTRONIC CORP
SEMFXXC WILLAS-SEMFXXC Datasheet
297Kb / 3P
5-Line Transient Voltage Suppressor Array
SESMF05C WILLAS-SESMF05C Datasheet
293Kb / 4P
5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05CT1G ONSEMI-SMS05CT1G Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05_12 Datasheet
391Kb / 4P
4-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SZSMS24CT1G ONSEMI-SZSMS24CT1G Datasheet
167Kb / 5P
5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
Bruckewell Technology L...
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
4-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
133Kb / 4P
5-Line Transient Voltage Suppressor Array
February, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com