Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2223 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2223
Description  DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2223 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2223 Datasheet HTML 17Page - Texas Instruments TPS2223 Datasheet HTML 18Page - Texas Instruments TPS2223 Datasheet HTML 19Page - Texas Instruments TPS2223 Datasheet HTML 20Page - Texas Instruments TPS2223 Datasheet HTML 21Page - Texas Instruments TPS2223 Datasheet HTML 22Page - Texas Instruments TPS2223 Datasheet HTML 23Page - Texas Instruments TPS2223 Datasheet HTML 24Page - Texas Instruments TPS2223 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TPS2223, TPS2224, TPS2226
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 – MAY 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown mode
In the shutdown mode, which can be controlled by SHDN or bit D8 of the input serial DATA word, each of the
xVCC and xVPP outputs is forced to a high-impedance state. In this mode, the chip quiescent current is reduced
to 1
µA or less to conserve battery power.
power-supply considerations
These switches have multiple pins for each 3.3-V and 5-V power input and for the switched xVCC outputs. Any
individual pin can conduct the rated input or output current. Unless all pins are connected in parallel, the series
resistance is higher than that specified, resulting in increased voltage drops and power loss. It is recommended
that all input and output power pins be paralleled for optimum operation.
To increase the noise immunity of the TPS2223, TPS2224 and TPS2226, the power-supply inputs should be
bypassed with at least a 4.7
µF electrolytic or tantalum capacitor paralleled by a 0.047-µF to 0.1-µF ceramic
capacitor. It is strongly recommended that the switched outputs be bypassed with a 0.1-
µF (or larger) ceramic
capacitor; doing so improves the immunity of the IC to electrostatic discharge (ESD). Care should be taken to
minimize the inductance of PCB traces between the devices and the load. High switching currents can produce
large negative voltage transients, which forward biases substrate diodes, resulting in unpredictable
performance. Similarly, no pin should be taken below –0.3 V.
RESET input
To ensure that cards are in a known state after power brownouts or system initialization, the PC Cards should
be reset at the same time as the host by applying low-impedance paths from xVCC and xVPP terminals to
ground. A low-impedance output state allows discharging of residual voltage remaining on PC Card filter
capacitance, permitting the system (host and PC Cards) to be powered up concurrently. The active low RESET
input will close internal switches S1, S4, S7, and S11 with all other switches left open. The TPS2223, TPS2224
and TPS2226 remain in the low-impedance output state until the signal is deasserted and further data is clocked
in and latched. The input serial data cannot be latched during reset mode. RESET is provided for direct
compatibility with systems that use an active-low reset voltage supervisor. The RESET pin has an internal
150-k
Ω pullup resistor.
calculating junction temperature
The switch resistance, rDS(on), is dependent on the junction temperature, TJ, of the die. The junction temperature
is dependent on both rDS(on) and the current through the switch. To calculate TJ, first find rDS(on) from Figures 26
through 28, using an initial temperature estimate about 30
°C above ambient. Then calculate the power
dissipation for each switch, using the formula:
P
D +
r
DS(on)
I2
Next, sum the power dissipation of all switches and calculate the junction temperature:
T
J +
P
D
RqJA ) TA
Where:
RθJA is the inverse of the derating factor given in the dissipation rating table.
Compare the calculated junction temperature with the initial temperature estimate. If the temperatures are not
within a few degrees of each other, recalculate using the calculated temperature as the initial estimate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com