Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2223 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2223
Description  DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2223 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2223 Datasheet HTML 1Page - Texas Instruments TPS2223 Datasheet HTML 2Page - Texas Instruments TPS2223 Datasheet HTML 3Page - Texas Instruments TPS2223 Datasheet HTML 4Page - Texas Instruments TPS2223 Datasheet HTML 5Page - Texas Instruments TPS2223 Datasheet HTML 6Page - Texas Instruments TPS2223 Datasheet HTML 7Page - Texas Instruments TPS2223 Datasheet HTML 8Page - Texas Instruments TPS2223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS2223, TPS2224, TPS2226
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 – MAY 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Fully Integrated VCC and Vpp Switching for
3.3 V, 5 V, and 12 V (no 12 V on TPS2223)
D Meets Current PC Cardt Standards
D Vpp Output Selection Independent of VCC
D 12-V and 5-V Supplies Can Be Disabled
D TTL-Logic Compatible Inputs
D Short-Circuit and Thermal Protection
D 24-Pin HTSSOP, 24- or 30-Pin SSOP
D 140-µA (Typical) Quiescent Current from
3.3-V Input
D Break-Before-Make Switching
D Power-On Reset
D –40°C to 85°C Operating Ambient
Temperature Range
applications
D Notebook and Desktop Computers
D Bar Code Scanners
D Digital Cameras
D Set-Top Boxes
D PDAs
description
The TPS2223, TPS2224 and TPS2226 Card-
Bus
 power-interface switches provide an
integrated power-management solution for two
PC Card sockets. These devices allow the
controlled distribution of 3.3 V, 5 V, and 12 V to
each card slot. The current-limiting and thermal-protection features eliminate the need for fuses. Current-limit
reporting helps the user isolate a system fault. The switch rDS(on) and current-limit values have been set for the
peak and average current requirements stated in the PC Card specification, and optimized for cost.
Like the TPS2214 and TPS2214A and the TPS2216 and TPS2216A, this family of devices supports
independent VPP/VCC switching; however, the standby and interface-mode pins are not supported. Shutdown
mode is now supported independently on SHDN as well as in the serial interface. Optimized for lower power
implementation, the TPS2223 does not support 12-V switching to VPP. See the available options table for
pin-compatible device information.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC SMALL OUTLINE
PowerPAD
 PLASTIC
SMALL OUTLINE
DB-24
DB-30
SMALL OUTLINE
(PWP-24)†
40
°Cto
TPS2223DB, TPS2224DB
TPS2226DB
TPS2223PWP
– 40
°C to
85
°C
Pin compatibles
TPS2214, TPS2214A
Pin compatibles
TPS2216, TPS2216A,
TPS2206
TPS2223PWP,
TPS2224PWP
† The DB and PWP packages are also available taped and reeled. Add R suffix to device type (e.g., TPS2223PWPR) for taped and reeled.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
CardBus and PC Card are trademarks of PCMCIA (Personal Computer Memory Card International Association).
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TPS2223, TPS2224
DB OR PWP PACKAGE
(TOP VIEW)
5V
5V
DATA
CLOCK
LATCH
NC
12V†
AVPP
AVCC
AVCC
GND
RESET
5V
NC
NC
SHDN
12V†
BVPP
BVCC
BVCC
NC
OC
3.3V
3.3V
NC – No internal connection
† Pin 7 and 20 are NC for TPS2223.


Similar Part No. - TPS2223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2223 TI1-TPS2223 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223A TI-TPS2223A Datasheet
447Kb / 29P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223ADB TI-TPS2223ADB Datasheet
447Kb / 29P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223ADB TI1-TPS2223ADB Datasheet
1Mb / 31P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223ADBG4 TI-TPS2223ADBG4 Datasheet
447Kb / 29P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
Single-Slot PCMCIA/CardBus Power Controllers
logo
Texas Instruments
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controllers
logo
Texas Instruments
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com