Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BCGL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TS8388BCGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCGL Datasheet(HTML) 2 Page - ATMEL Corporation

  TS8388BCGL Datasheet HTML 1Page - ATMEL Corporation TS8388BCGL Datasheet HTML 2Page - ATMEL Corporation TS8388BCGL Datasheet HTML 3Page - ATMEL Corporation TS8388BCGL Datasheet HTML 4Page - ATMEL Corporation TS8388BCGL Datasheet HTML 5Page - ATMEL Corporation TS8388BCGL Datasheet HTML 6Page - ATMEL Corporation TS8388BCGL Datasheet HTML 7Page - ATMEL Corporation TS8388BCGL Datasheet HTML 8Page - ATMEL Corporation TS8388BCGL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
TS8388B
2144C–BDC–04/03
Functional
Description
Block Diagram
The following figure shows the simplified block diagram.
Figure 1. Simplified Block Diagram
Functional
Description
The TS8388B is an 8-bit 1 GSPS ADC based on an advanced high-speed bipolar technology
featuring a cutoff frequency of 25 GHz.
The TS8388B includes a front-end master/slave Track and Hold stage (S/H), followed by an
analog encoding stage and interpolation circuitry.
Successive banks of latches regenerate the analog residues into logical data before entering
an error correction circuitry and a resynchronization stage followed by 75
Ω differential output
buffers.
The TS8388B works in fully differential mode from analog inputs up to digital outputs.
The TS8388B features a full-power input bandwidth of 1.5 GHz.
A control pin GORB is provided to select either Gray or Binary data output format.
A gain control pin is provided in order to adjust the ADC gain.
A Data Ready output asynchronous reset (DRRB) is available on TS8388B.
The TS8388B uses only vertical isolated NPN transistors together with oxide isolated polysili-
con resistors, which allow enhanced radiation tolerance (no performance drift measured at
150 kRad total dose).
MASTER/SLAVE TRACK & HOLD AMPLIFIER
VIN, VINB
CLOCK
BUFFER
GAIN
GORB
DATA, DATAB OR, ORB
DRRB DR, DRB
CLK, CLKB
4
4
5
4
5
8
8
G=2
T/H
G=1
T/H
G=1
RESISTOR
CHAIN
ANALOG
ENCODING
BLOCK
INTERPOLATION
STAGES
REGENERATION
LATCHES
ERROR CORRECTION &
DECODE LOGIC
OUTPUT LATCHES &
BUFFERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com