Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BCGL Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TS8388BCGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCGL Datasheet(HTML) 4 Page - ATMEL Corporation

  TS8388BCGL Datasheet HTML 1Page - ATMEL Corporation TS8388BCGL Datasheet HTML 2Page - ATMEL Corporation TS8388BCGL Datasheet HTML 3Page - ATMEL Corporation TS8388BCGL Datasheet HTML 4Page - ATMEL Corporation TS8388BCGL Datasheet HTML 5Page - ATMEL Corporation TS8388BCGL Datasheet HTML 6Page - ATMEL Corporation TS8388BCGL Datasheet HTML 7Page - ATMEL Corporation TS8388BCGL Datasheet HTML 8Page - ATMEL Corporation TS8388BCGL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
TS8388B
2144C–BDC–04/03
Electrical
Operating
Characteristics
V
EE = DVEE = -5V; VCC = +5V; VIN -VINB = 500 mVpp Full Scale differential input;
Digital outputs 75 or 50
Ω differentially terminated;
Tj (typical) = 70
°C. Full Temperature Range: up to -55°C < Tc; Tj < +125°C, depending on
device grade.
Differential analog input voltage
(Full Scale)
V
IN, VINB
V
IN - VINB
50
Ω differential or single-ended
±113
450
±125
500
±137
550
mV
mVpp
Clock input power level
PCLK, PCLKB
50
Ω single-ended clock input
3
4
10
dBm
Operating temperature range
TJ
Commercial grade: “C”
Industrial grade: “V”
Military grade: “M”
0 < Tc; Tj < 90
-40 < Tc; Tj < 110
-55 < Tc; Tj < +125
°C
Table 2. Recommended Operating Conditions (Continued)
Parameter
Symbol
Comments
Recommended Value
Unit
Min
Typ
Max
Table 3. Electrical Specifications
Parameter
Symbol
Test
Level
Value
Unit
Note
Min
Typ
Max
Power Requirements (CBGA68 package)
Positive supply voltage
Analog
Digital (ECL)
Digital (LVDS)
VCC
VPLUSD
V
PLUSD
1
4
4
4.5
–
1.4
5
0
2.4
5.5
–
2.6
V
V
V
Positive supply current
Analog
Digital
I
CC
IPLUSD
1
1
–
–
420
130
445
145
mA
mA
Negative supply voltage
V
EE
1-5.5
-5
-4.5
V
Negative supply current
Analog
Digital
AI
EE
DIEE
1
1
–
–
185
160
200
180
mA
mA
Nominal power dissipation
PD
1
–
3.9
4.1
W
Power supply rejection ratio
PSRR
4
–
0.5
2
mW
Power Requirements
Power Requirements (CQFP68 packaged device)
Positive supply voltage
Analog
Digital (ECL)
Digital (LVDS)
V
CC
V
PLUSD
VPLUSD
1, 2, 6
4
4
4.7
–
1.4
5
0
2.4
5.3
–
2.6
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com