Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BVGL Datasheet(PDF) 27 Page - ATMEL Corporation

Part # TS8388BVGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVGL Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button TS8388BVGL Datasheet HTML 23Page - ATMEL Corporation TS8388BVGL Datasheet HTML 24Page - ATMEL Corporation TS8388BVGL Datasheet HTML 25Page - ATMEL Corporation TS8388BVGL Datasheet HTML 26Page - ATMEL Corporation TS8388BVGL Datasheet HTML 27Page - ATMEL Corporation TS8388BVGL Datasheet HTML 28Page - ATMEL Corporation TS8388BVGL Datasheet HTML 29Page - ATMEL Corporation TS8388BVGL Datasheet HTML 30Page - ATMEL Corporation TS8388BVGL Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
27
TS8388B
2144C–BDC–04/03
TS8388B Main
Features
Timing
Information
Timing Value for
TS8388B
Timing values as defined in Table 3 on page 4 are advanced data, issued from electric simula-
tions and first characterizations results fitted with measurements.
Timing values are given at package inputs/outputs, taking into account package internal con-
trolled impedance traces propagation delays, gullwing pin model, and specified termination
loads.
Propagation delays in 50/75
Ω impedance traces are NOT taken into account for TOD and
TDR.
Apply proper derating values corresponding to termination topology.
The min/max timing values are valid over the full temperature range in the following
conditions:
•
Specified Termination Load (Differential output Data and Data Ready):
50
Ω resistor in parallel with 1 standard ECLinPS register from Motorola (i.e.: 10E452)
Typical ECLinPS inputs shows a typical input capacitance of 1.5 pF (including package
and ESD protections).
If addressing an output Dmux, take care if some Digital outputs do not have the same
termination load and apply corresponding derating value given below.
•
Output Termination Load derating values for TOD and TDR:
~ 35 ps/pF or 50 ps per additional ECLinPS load.
•
Propagation time delay derating values have also to be applied for TOD and TDR:
~ 6 ps/mm (155 ps/inch) for TSEV8388B Evaluation Board.
Apply proper time delay derating value if a different dielectric layer is used.
Propagation Time
Considerations
TOD and TDR Timing values are given from pin to pin and DO NOT include the additional
propagation times between device pins and input/output termination loads. For the
TSEV8388B Evaluation Board, the propagation time delay is 6 ps/mm (155 ps/inch) corre-
sponding to 3.4 (at 10 GHz) dielectric constant of the RO4003 used for the Board.
If a different dielectric layer is used (for instance Teflon), please use appropriate propagation
time values.
TD does NOT depend on propagation times because it is a differential data (TD is the time dif-
ference between Data Ready output delay and digital Data output delay).
TD is also the most straightforward data to measure, again because it is differential: TD can be
measured directly onto termination loads, with matched Oscilloscopes probes.
TOD-TDR Variation
Over Temperature
Values for TOD and TDR track each other over temperature (1% variation for TOD-TDR per
100
°C temperature variation).
Therefore TOD-TDR variation over temperature is negligible. Moreover, the internal (on-chip)
and package skews between each Data TODs and TDR effect can be considered as
negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com