Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS8388BVGL Datasheet(PDF) 3 Page - ATMEL Corporation

Part # TS8388BVGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVGL Datasheet(HTML) 3 Page - ATMEL Corporation

  TS8388BVGL Datasheet HTML 1Page - ATMEL Corporation TS8388BVGL Datasheet HTML 2Page - ATMEL Corporation TS8388BVGL Datasheet HTML 3Page - ATMEL Corporation TS8388BVGL Datasheet HTML 4Page - ATMEL Corporation TS8388BVGL Datasheet HTML 5Page - ATMEL Corporation TS8388BVGL Datasheet HTML 6Page - ATMEL Corporation TS8388BVGL Datasheet HTML 7Page - ATMEL Corporation TS8388BVGL Datasheet HTML 8Page - ATMEL Corporation TS8388BVGL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
3
TS8388B
2144C–BDC–04/03
Specifications
Absolute
Maximum Ratings
Note:
Absolute maximum ratings are limiting values (referenced to GND = 0V), to be applied individually, while other parameters are
within specified operating conditions. Long exposure to maximum rating may affect device reliability. The use of a thermal heat
sink is mandatory. See “The board set comes fully assembled and tested, with the TS8388B installed.” on page 42.
Recommended
Operating
Conditions
Table 1. Absolute Maximum Ratings
Parameter
Symbol
Comments
Value
Unit
Positive supply voltage
VCC
GND to 6
V
Digital negative supply voltage
DV
EE
GND to -5.7
V
Digital positive supply voltage
VPLUSD
GND -0.3 to 2.8
V
Negative supply voltage
VEE
GND to -6
V
Maximum difference between negative supply voltage
DV
EE to VEE
0.3
V
Analog input voltages
VIN or VINB
-1 to +1
V
Maximum difference between VIN and VINB
VIN - VINB
-2 to +2
V
Digital input voltage
V
D
GORB
-0.3 to V
CC +0.3
V
Digital input voltage
VD
DRRB
VEE -0.3 to +0.9
V
Digital output voltage
VO
VPLUSD -3 to VPLUSD -0.5
V
Clock input voltage
V
CLK or VCLKB
-3 to +1.5
V
Maximum difference between VCLK and VCLKB
VCLK - VCLKB
-2 to +2
V
Maximum junction temperature
Tj
+135
°C
Storage temperature
T
stg
-65 to +150
°C
Lead temperature (soldering 10s)
Tleads
+300
°C
Table 2. Recommended Operating Conditions
Parameter
Symbol
Comments
Recommended Value
Unit
Min
Typ
Max
Positive supply voltage
V
CC
4.5
+5
5.25
V
Positive digital supply voltage
VPLUSD
ECL output compatibility
–
GND
–
V
Positive digital supply voltage
V
PLUSD
LVDS output compatibility
+1.4
+2.4
+2.6
V
Negative supply voltage
VEE, DVEE
-5.25-5-4.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com