Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERCAP Datasheet(PDF) 63 Page - Delta Electronics, Inc.

Part # FASTENERCAP
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERCAP Datasheet(HTML) 63 Page - Delta Electronics, Inc.

Back Button FASTENERCAP Datasheet HTML 59Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 60Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 61Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 62Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 63Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 64Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 65Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 66Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 67Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Report No.
Test Report
SCL01H013155001
Page 3 of 7
Tested Item(s)
Result
MDL
Polybrominated Diphenyl Ethers(PBDEs)
N.D.
Monobromodiphenyl ether
5 mg/kg
N.D.
Dibromodiphenyl ether
5 mg/kg
N.D.
Tribromodiphenyl ether
5 mg/kg
N.D.
Tetrabromodiphenyl ether
5 mg/kg
N.D.
Pentabromodiphenyl ether
5 mg/kg
N.D.
Hexabromodiphenyl ether
5 mg/kg
N.D.
Heptabromodiphenyl ether
5 mg/kg
N.D.
Octabromodiphenyl ether
5 mg/kg
N.D.
Nonabromodiphenyl ether
5 mg/kg
N.D.
Decabromodiphenyl ether
5 mg/kg
Tested Item(s)
Result
MDL
Halogen(s)
N.D.
Fluorine(F)
10 mg/kg
N.D.
Chlorine(Cl)
10 mg/kg
N.D.
Bromine(Br)
10 mg/kg
N.D.
Iodine(I)
10 mg/kg
Tested Item(s)
Result
MDL
N.D.
Hexabromocyclododecane (HBCDD)
5 mg/kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com