Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERCAP Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # FASTENERCAP
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERCAP Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  FASTENERCAP Datasheet HTML 1Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 2Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 3Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 4Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 5Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 6Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 7Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 8Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
DELTA ELECTRONICS, INC.
252, Shang Ying Road, Kuei San
TAOYUAN SHIEN 333,
TAIWAN,R.O.C.
TEL: 886-3-3591968 EXT 2073
FAX: 886-3-3591991
DELTA PRODUCTS CORPORATION
4405 CUSHING PARKWAY
FREMONT, CA 94538, U.S.A.
TEL: 1-510-668-5100
FAX: 1-510-668-0680
DELTA ELECTRONICS EUROPE LTD.
WEGALAAN 16,
2132 JC HOOFDDORP,
THE NETHERLANDS
TEL: 31-23-566-8989
FAX: 31-23-5668910
DELTA ELECTRONICS(JAPAN), INC.
DELTA SHIBADAIMON BLDG.
2-1-14 SHIBADAIMON, MINATO-KU,
TOKYO, 105-0012, JAPAN
TEL: 81-3-5733-1111
FAX: 81-3-5733-1211
Date: July-2009
DELTA ELECTRONICS, INC.
FHS
FHS-
-A9015S00
A9015S00
Application:
Intel Nehalem LGA1156 (45nm) & Intel Sandy
Bridge LGA1155 (32nm)
Picture:
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice
Thermal & Mechanical Spec
Thermal performance for 45 W CPU
HSK Assembly Weight: 120 g (ref.)
Clipping Force: 16 Kgf (ref.)
Component Specification:
1. Heat Sink
Type: Thermal Shrink
Material: Aluminum A6063
Dimension: 90*90*30 mm
2. Thermal interface material
Material: Dow Corning TC-
5630 or Equivalent.
3. Fan
(90x90x17 mm with Thermistor & PWM Control)
Rated Voltage: 12 V
Life Time:
Superflo bearing 50000 hrs
Connector:
a. Lead wire: UL 10368 -F- AWG#28
pin 1: black wire--------(-)
pin 2: yellow wire----------(+)
pin 3: green wire---------(F00)
pin 4: blue wire------------(PWM)
b. Housing: Molex 47054-1000 or equivalent
c. Terminal: Molex 2759T 08-50-0113 or equivalent


Similar Part No. - FASTENERCAP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
367Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FAS SCHURTER-FAS Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
logo
M-System Co.,Ltd.
FAS MSYSTEM-FAS Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
logo
M-System Co.,Ltd.
FAS-00-K MSYSTEM-FAS-00-K Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FASTENERCAP

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-54150D-C1-R0 ATS-ATS-54150D-C1-R0 Datasheet
383Kb / 1P
High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-55150D-C1-R0 ATS-ATS-55150D-C1-R0 Datasheet
353Kb / 1P
High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-56000-C1-R0 ATS-ATS-56000-C1-R0_12 Datasheet
445Kb / 1P
121101High Performance ASIC Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-56001-C1-R0 ATS-ATS-56001-C1-R0_12 Datasheet
415Kb / 1P
High Performance ASIC Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-55325D-C1-R0 ATS-ATS-55325D-C1-R0 Datasheet
930Kb / 1P
High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
Configuring the STR91xFA MCU for optimum CPU performance
May-2007
logo
SEMTECH ELECTRONICS LTD...
BT134T SEMTECH_ELEC-BT134T Datasheet
152Kb / 2P
For high thermal cycling performance
logo
Advanced Thermal Soluti...
ATS-52150B-C1-R0 ATS-ATS-52150B-C1-R0 Datasheet
284Kb / 1P
BGA Heat Sink - High Performance maxiFLOW w/Thermal Tape
Rev - 040517
ATS-52150G-C1-R0 ATS-ATS-52150G-C1-R0_17 Datasheet
285Kb / 1P
BGA Heat Sink - High Performance maxiFLOW w/Thermal Tape
Rev - 040517
logo
Beckhoff Automation Gmb...
CX2100-0004 BECKHOFF-CX2100-0004 Datasheet
109Kb / 2P
Power supply unit for CX20xx, 45 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com