Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6305 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Revision 0.2 March 10, 2000
-16-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
Memory Offset 1C – 1394 Bus ID...................................RO
This register maps to the 1st 32-bit word of the bus info
block.
31-0 Bus ID ...... always reads 31333934h (ASCII “1394”)
Memory Offset 20 – 1394 Bus Options.......................... RW
This register maps to the 2nd quadword of the bus info block.
31
Isochronous Resource Manager Capable
0
Not capable
1
Capable................................................ default
30
Cycle Master Capable
0
Not capable
1
Capable................................................ default
29
Isochronous Capable
0
Not capable
1
Capable................................................ default
28
Bus Manager Capable
0
Not capable
1
Capable................................................ default
27
Power Management Capable
0
Not capable ......................................... default
1
Capable
26-24 Reserved
...................................... always reads 0
23-16 Cycle Clock Acc
1394 Bus Management Field. This field must be
written with valid data prior to setting the “HC
Control” register “link enable” bit.
15-12 Received Block Write Request Packet Max
Length
1394 Bus Management Field. This field must be
written with valid data prior to setting the “HC
Control” register “link enable” bit. Received block
write request packets with a length greater than the
value contained in this field may generate an
“ack_type_error”.
11-8 Reserved
...................................... always reads 0
7-6
Configuration ROM Changed Since Last Bus
Reset
0
Configuration ROM not changed ......... default
1
Configuration ROM changed
5-3
Reserved
...................................... always reads 0
2-0
Max Link Speed ................................. default = 010
Memory Offset 24 – Global Unique ID High.................RW
This register maps to the 3rd 32-bit word of the bus info
block.
Contents are cleared by hardware reset but are not
affected by software reset. Read/Write if Rx44[0] is cleared,
Read/Only if Rx44[0] is set.
31-8 Node Vendor ID ......................................default = 0
1394 Bus Management Field. Must be set prior to
setting the “HC Control” register “link enable” bit.
7-0
Chip ID High ..........................................default = 0
1394 Bus Management Field. Must be set prior to
setting the “HC Control” register “link enable” bit.
Memory Offset 28 – Global Unique ID Low..................RW
This register maps to the 4th 32-bit word of the bus info
block. Contents are cleared by hardware reset but are not
affected by software reset. Read/Write if Rx44[0] is cleared,
Read/Only if Rx44[0] is set.
31-0 Chip ID Low ...........................................default = 0
1394 Bus Management Field. Must be set prior to
setting the “HC Control” register “link enable” bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com