Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6305 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Revision 0.2 March 10, 2000
-8-
Register Overview
Technologies, Inc.
We Connect
We Connect
REGISTERS
Register Overview
The following tables summarize the configuration and I/O
registers of the VT6305.
These tables also document the
power-on default value (“Default”) and access type (“Acc”) for
each register.
Access type definitions used are RW
(Read/Write), RO (Read/Only), “—” for reserved / used
(essentially the same as RO), and RWC (or just WC) (Read /
Write 1’s to Clear individual bits). Registers indicated as RW
may have some read/only bits that always read back a fixed
value (usually 0 if unused); registers designated as RWC or
WC may have some read-only or read write bits (see
individual register descriptions for details).
Detailed register descriptions are provided in the following
section of this document.
All offset and default values are
shown in hexadecimal unless otherwise indicated
Table 2. Registers
PCI Function 0 Registers – Controller Configuration
Configuration Space Header Registers
Offset PCI Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
0130
RO
5-4
Command
0000
RW
7-6
Status
0280
WC
8
Revision ID
nn
RO
9
Programming Interface
10
RO
A
Sub Class Code
00
RO
B
Base Class Code
0C
RO
C
-reserved- (cache line size)
00
—
D
Latency Timer
00
RW
E
Header Type
00
RO
F
-reserved- (Built In Self Test)
00
—
13-10 Base Address Register
0000 0000 RW
14-27 -reserved- (base address registers)
00
—
28-2B -reserved- (unassigned)
00
—
2C-2F -reserved- (subsystem ID read)
00
—
30-33 -reserved- (expan. ROM base addr)
00
—
34-3B -reserved- (unassigned)
00
—
3C
Interrupt Line
00
RW
3D
Interrupt Pin
01
RO
3E
-reserved- (min gnt)
00
—
3F
-reserved- (max lat)
00
—
Controller-Specific Configuration Registers
Offset Heading
Default
Acc
43-40 PCI HCI Control
0000 0000 RO
44
Miscellaneous Control
00
RW
45
-reserved-
00
—
46
PHY Control
00
RW
47-F3 -reserved-
00
—
F4
Hide Function Register
00
RW
F5-F7 -reserved-
00
—
FB-F8 Manufacturer ID
TBD
RO
FC-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com