Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8199 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8199
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8199 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
7
Test Conditions
AVDD = DVDD1 = 5.0V, DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C, MCLK = 32MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Programmable Gain Amplifier
Resolution
8
bits
Gain
]
0
:
7
[
PGA
283
208
−
V/V
Max gain, each channel
GMAX
7.43
V/V
Min gain, each channel
GMIN
0.74
V/V
Gain error, each channel
1
%
Analogue to Digital Converter
Resolution
16
bits
Speed
16
MSPS
Full-scale input range
(2*(VRT-VRB))
3
V
DIGITAL SPECIFICATIONS
Digital Inputs
High level input voltage
VIH
0.8
∗ DVDD2
V
Low level input voltage
VIL
0.2
∗ DVDD2
V
High level input current
IIH
1
µA
Low level input current
IIL
1
µA
Input capacitance
CI
5
pF
Digital Outputs
High level output voltage
VOH
IOH = 1mA
DVDD2 - 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
High impedance output current
IOZ
1
µA
Digital IO Pins
Applied high level input voltage
VIH
0.8
∗ DVDD2
V
Applied low level input voltage
VIL
0.2
∗ DVDD2
V
High level output voltage
VOH
IOH = 1mA
DVDD2 - 0.5
V
Low level output voltage
VOL
IOL = 1mA
0.5
V
Low level input current
IIL
1
µA
High level input current
IIH
1
µA
Input capacitance
CI
5
pF
High impedance output current
IOZ
1
µA
Supply Currents
Total supply current
− active
(Three channel mode)
MCLK = 32Hz
72
mA
Total supply current
− active
(Single channel mode)
LINEBYLINE = 1
MCLK = 32MHz
56
mA
Total analogue supply current
−
active (Three channel mode)
IAVDD
MCLK = 32MHz
65
mA
Total analogue supply current
−
active (Single channel mode)
IAVDD
LINEBYLINE = 1
MCLK = 32MHz
49
mA
Digital core supply current,
DVDD1
− active (note 1)
MCLK = 32MHz
5
mA
Digital I/O supply current,
DVDD2
− active (note 1)
MCLK = 32MHz
2
mA
Supply current
− full power down
mode
300
µA
Notes:
Digital supply current depends on the capacitive load connected to the WM8199 output pins and the clock rate applied to
MCLK. This data is based on a load of approximately 10pF per output pin and MCLK = 16MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com