Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8199 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8199
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8199 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
WM8199
20MSPS 16-bit CCD Digitiser
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Production Data, November 2003, Rev 3.2
Copyright
2003 Wolfson Microelectronics plc
DESCRIPTION
The WM8199 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 20MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. Three multiplexers allow single
channel processing. The output from each of these
channels is time multiplexed into a single high-speed 16-bit
Analogue to Digital Converter. The digital output data is
available in 8 or 4-bit wide multiplexed format.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Reset Level Clamping to clamp CCD
signals. An external reference level may also be supplied.
ADC references are generated internally, ensuring optimum
performance from the device.
Using an analogue supply voltage of 5V and a digital
interface supply of either 5V or 3.3V, the WM8199 typically
only consumes 358mW when operating from a single
5V supply.
FEATURES
•
16-bit ADC
•
20MSPS conversion rate
•
30MSPS conversion rate at 8-bits
•
Low power – 358mW typical
•
5V single supply or 5V/3.3V dual supply operation
•
Single or 3 channel operation
•
Correlated double sampling
•
Programmable gain (8-bit resolution)
•
Programmable offset adjust (8-bit resolution)
•
Programmable clamp voltage
•
8 or 4-bit wide multiplexed data output formats
•
Internally generated voltage references
•
28-pin SSOP package
•
Serial control interface
APPLICATIONS
•
Flatbed and sheetfeed scanners
•
USB compatible scanners
•
Multi-function peripherals
•
High-performance CCD sensor interface
BLOCK DIAGRAM
RINP
DATA
I/O
PORT
SEN
VSMP
MCLK
VRLC/VBIAS
SDI
SCK
DVDD2
TIMING CONTROL
CL
RLC/ACYC
RLC
V
S
R
S
BINP
GINP
VRX
VRT
OEB
M
U
X
VRB
RLC
RLC
CDS
CDS
CDS
RLC
DAC
4
CONFIGURABLE
SERIAL
CONTROL
INTERFACE
16-
BIT
ADC
AGND1
DGND
DVDD1
OP[0]
OP[1]
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
OP[7]/SDO
AGND2
M
U
X
VREF/BIAS
M
U
X
R
G
B
M
U
X
R
G
B
+
PGA
I/P SIGNAL
POLARITY
ADJUST
8
8
PGA
8
8
OFFSET
DAC
PGA
8
OFFSET
DAC
8
+
+
+
+
+
I/P SIGNAL
POLARITY
ADJUST
I/P SIGNAL
POLARITY
ADJUST
AVDD
w
WM8199
OFFSET
DAC


Similar Part No. - WM8199

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8199 WOLFSON-WM8199 Datasheet
388Kb / 32P
20MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8199 CIRRUS-WM8199 Datasheet
473Kb / 32P
20MSPS 16-bit CCD Digitiser
logo
Wolfson Microelectronic...
WM8199SCDS/RV WOLFSON-WM8199SCDS/RV Datasheet
388Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8199SCDS/V WOLFSON-WM8199SCDS/V Datasheet
388Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8199 WOLFSON-WM8199_07 Datasheet
388Kb / 32P
20MSPS 16-bit CCD Digitiser
More results

Similar Description - WM8199

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
(8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8214 WOLFSON-WM8214 Datasheet
441Kb / 35P
40MSPS 16 BIT CCD DIGITISER
WM8199 WOLFSON-WM8199_07 Datasheet
388Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8214 WOLFSON-WM8214_07 Datasheet
486Kb / 36P
40MSPS 16-bit CCD Digitiser
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213 WOLFSON-WM8213_08 Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8199 CIRRUS-WM8199 Datasheet
473Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8213 CIRRUS-WM8213 Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8214 CIRRUS-WM8214 Datasheet
625Kb / 36P
40MSPS 16-bit CCD Digitiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com